Electronic Components Datasheet Search
  English  ▼

X  

HCPL-810J Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HCPL-810J
Description  PLC Powerline DAA IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-810J Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HCPL-810J Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-810J Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-810J Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-810J Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-810J Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-810J Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-810J Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-810J Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-810J Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
Electrical Specifications
Unless otherwise noted, for sinusoidal waveform input and reference resistor Rref = 24 kΩ, all typical values are at TA = 25°C,
VCC1 = 5 V, VCC2 = 5 V; all Minimum/Maximum specifications are at Recommended Operating Conditions.
General
Notes:
1. Threshold of falling VCC2 with hysteresis of 0.15 V (typ.).
2. Threshold of rising junction temperature with hysteresis of 15
°C (typ.).
3. IMRR is defined as the ratio of the signal gain (measured at Rx-PD-out with signal applied to Rx-in) to the isolation mode gain (measured at Rx-PD-out
with Rx-in connected to GND2 and the isolation mode voltage, VIM, applied between GND1 and GND2), expressed in dB.
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Fig.
Note
VCC1 Supply Current
ICC1
620
mA
VTx-en = 0 V
1
20
35
mA
VTx-en = 5 V
1
VCC2 Supply Current
ICC2
22
30
mA
VTx-en = 0 V
2
40
70
mA
VTx-en = 5 V
2, 3, 4
Status Logic High Output
VOH
VCC1−1V
IOH = −4 mA
Status Logic Low Output
VOL
1V
VCC2 = 3.5 V, IOL = 4 mA
VCC2 Under Voltage Detection VUVD
3.8
4
4.3
V
1
Junction Over-Temperature
Threshold
Tth
130
°C2
Load Detection Threshold
0.6
APP
VTx-en = 5 V, f = 132 kHz
5, 13
Isolation Mode Rejection
Ratio
IMRR
80
dB
VTx-en = 0 V, f = 132 kHz
6, 14
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com