Electronic Components Datasheet Search
  English  ▼

X  

HCPL-810J Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HCPL-810J
Description  PLC Powerline DAA IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-810J Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HCPL-810J Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-810J Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-810J Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-810J Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-810J Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-810J Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-810J Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-810J Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-810J Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Block Diagram
Pin Descriptions
Package Pin Out
Pin No.
Symbol
Description
1
Tx-en
Transmit Enable Input
2
Tx-in
Transmit Input Signal
3
Rx-PD-out
Rx Photodetector Output
4
Rx-Amp-in
Receiver Output Amplifier Input
5
Status
Signal indicating Line Condition
6
Rx-out
Receiving Signal Output
7VCC1
5 V Power Supply
8GND1
VCC1 Power Supply Ground
9Rref
Sets Line Driver biasing current, typically 24 k
Ω
10
Rx-in
Receiving Signal Input from Powerline
11
Cext
External Capacitor
12
Tx-LD-in
Tx Line Driver Input
13
Tx-PD-out
Tx Photodetector Output
14
VCC2
5 V Power Supply
15
Tx-out
Transmit Signal Output to Powerline
16
GND2
VCC2 Power Supply Ground
Tx LED
Driver
Tx
TIA
G T2
Tx-en
Detection
Line Driver
Control
VCC2 UVD
Load
Detection
Over -Temp
Detection
Rx LED
Driver
Rx
TIA
Status
Detection
G R2
Control IC
Line IC
Rx -Amp-in
Rx -out
Tx-in
VCC1
Tx-en
GND1
Rx -PD -out
Status
Tx-PD -out
Tx-LD -in
Tx-out
Rx -in
R ref
VCC2
GND2
C ext
1
2
7
8
5
6
43
10
9
11
16
14
15
12
13
Status Logic
AGC
Shield
Shield
Amp
-
-
--
-
-
-
--
--
-
-
-
-
1
2
7
8
5
6
43
Amp
1
Tx -in
Tx -en
V CC1
Status
Rx -out
Rx -in
Rx -PD -out
Rx -Amp -in
GND1
GND2
C ext
Tx -out
R ref
Tx -PD -out
Tx -LD -in
V CC2
2
3
4
5
6
7
8
16
9
15
14
13
12
11
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com