Electronic Components Datasheet Search
  English  ▼

X  

TUSB1142 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1142
Description  TUSB1142 USB Type-C??10 Gbps USB 3.2 2:1/1:2 Mux/DeMux Adaptive Linear Redriver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1142 Datasheet(HTML) 1 Page - Texas Instruments

  TUSB1142 Datasheet HTML 1Page - Texas Instruments TUSB1142 Datasheet HTML 2Page - Texas Instruments TUSB1142 Datasheet HTML 3Page - Texas Instruments TUSB1142 Datasheet HTML 4Page - Texas Instruments TUSB1142 Datasheet HTML 5Page - Texas Instruments TUSB1142 Datasheet HTML 6Page - Texas Instruments TUSB1142 Datasheet HTML 7Page - Texas Instruments TUSB1142 Datasheet HTML 8Page - Texas Instruments TUSB1142 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
TUSB1142 USB Type-C™ 10 Gbps USB 3.2 2:1/1:2 Mux/DeMux Adaptive Linear
Redriver
1 Features
• USB Type-C 2:1 redriver MUX
• USB 3.2 5 Gbps and 10 Gbps support
• Advanced USB power management
– Active: 550 mW (typical)
– Disconnect: 1.5 mW
– Disabled (EN = L): 0.130 mW
• 16 EQ settings up to 12 dB at 5 GHz
• Choice between adaptive or fixed receiver
equalization for ports facing USB connector
• Choice between linear or limited redriver for port
facing the system (SSRX transmitter)
• Less than 1 V VTX-CM and VRX-CM
• Configuration through I2C or pin-strap
• Selection between 1.8 V or 3.3 V I2C levels
• Operates from a single 3.3 V supply
2 Applications
• Notebooks and desktops
• Docking stations
• Data storage
• Connected peripherals and printers
Description
The TUSB1142 is a 10 Gbps USB 3.2 linear
redriver with 1:2 DeMUX or 2:1 Mux function for
USB-C™ applications. The TUSB1142 is intended to
reside between a Host and a USB-C receptacle or
between a USB device and a USB-C receptacle. The
TUSB1142 supports both USB 3.2 Gen2 (10 Gbps)
and Gen1 (5 Gbps) as well as USB 3.2 low power
states (Disconnect, U1, U2, and U3).
The TUSB1142 incorporates an innovative, adaptive
receiver equalization (AEQ) feature. The AEQ feature
will automatically determine what it believes is
the best ISI compensation settings between the
TUSB1142 and USB device plugged into the USB
connector resulting in improved interoperability.
The TUSB1142 operates from a single 3.3 V supply
and is available in a 40-pin WQFN package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TUSB1142
WQFN (40)
4.00 mm × 6.00 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Spacer
USB 3.2
Host/Device
TUSB1142
CTX2p
CTX2n
CRX2p
CRX2n
TX2p
TX2n
RX2p
RX2n
SSTXn
SSTXp
SSRXn
SSRXp
CTX1n
CTX1p
CRX1n
CRX1p
SSTXn
SSTXp
SSRXn
SSRXp
USB CC/PD
Controller
TX1n
TX1p
RX1n
RX1p
CC1
CC2
(FLIP or I
2C)
CC1
CC2
Simplified Schematic
TUSB1142
SLLSFL2 – APRIL 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TUSB1142

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB1146 TI1-TUSB1146 Datasheet
1Mb / 66P
TUSB1146 USB Type-C??DisplayPort??Alt Mode 10-Gbps Linear Redriver Crosspoint Switch
TUSB1146 TI1-TUSB1146 Datasheet
3Mb / 69P
TUSB1146-Q1 Automotive DisplayPort™ Alt Mode Over USB Type-C® Source 10Gbps Linear Redriver Crosspoint Switch
FEBRUARY 2025
TUSB1146 TI2-TUSB1146 Datasheet
1Mb / 68P
TUSB1146 USB Type-C™ DisplayPort™ Alt Mode 10-Gbps Linear Redriver Crosspoint Switch
APRIL 2020
TUSB1146-Q1 TI1-TUSB1146-Q1 Datasheet
3Mb / 69P
TUSB1146-Q1 Automotive DisplayPort™ Alt Mode Over USB Type-C® Source 10Gbps Linear Redriver Crosspoint Switch
FEBRUARY 2025
TUSB1146-Q1 TI2-TUSB1146-Q1 Datasheet
1Mb / 68P
TUSB1146 USB Type-C™ DisplayPort™ Alt Mode 10-Gbps Linear Redriver Crosspoint Switch
APRIL 2020
More results

Similar Description - TUSB1142

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP114 TI1-SN65LVCP114 Datasheet
675Kb / 30P
14.2-Gbps Quad 1:2-2:1 MUX, Linear-Redriver With Signal Conditioning
HD3SS6126 TI1-HD3SS6126 Datasheet
815Kb / 16P
USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
HD3SS6126 TI1-HD3SS6126_14 Datasheet
817Kb / 17P
USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
logo
Analog Devices
ADG787 AD-ADG787_15 Datasheet
421Kb / 16P
Dual 2:1 Mux/Demux USB 1.1 Switch
REV. A
logo
Texas Instruments
TUSB542 TI1-TUSB542 Datasheet
1Mb / 23P
USB Type-C 5 Gbps Redriver 2:1 MUX
logo
Pericom Semiconductor C...
PI3USB302-A PERICOM-PI3USB302-A Datasheet
1,002Kb / 9P
3.3V, USB 3.0, 1-Port, 2:1 Mux/DeMux Switch
logo
Texas Instruments
TUSB1042I TI1-TUSB1042I Datasheet
695Kb / 33P
USB Type-C 10 Gbps 2:1 Linear Redriver Switch
TUSB1042I TI1-TUSB1042I_17 Datasheet
1Mb / 39P
USB Type-C 10 Gbps 2:1 Linear Redriver Switch
TUSB1004 TI-TUSB1004 Datasheet
1Mb / 53P
TUSB1004 USB 3.2 10 Gbps Quad-Channel Adaptive Linear Redriver
APRIL 2022
TUSB1104 TI-TUSB1104 Datasheet
1Mb / 55P
TUSB1104 USB Type-C??10 Gbps USB 3.2 x2 Adaptive Linear Redriver
APRIL 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com