Electronic Components Datasheet Search
  English  ▼

X  

TUSB1142 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1142
Description  TUSB1142 USB Type-C??10 Gbps USB 3.2 2:1/1:2 Mux/DeMux Adaptive Linear Redriver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1142 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TUSB1142 Datasheet HTML 14Page - Texas Instruments TUSB1142 Datasheet HTML 15Page - Texas Instruments TUSB1142 Datasheet HTML 16Page - Texas Instruments TUSB1142 Datasheet HTML 17Page - Texas Instruments TUSB1142 Datasheet HTML 18Page - Texas Instruments TUSB1142 Datasheet HTML 19Page - Texas Instruments TUSB1142 Datasheet HTML 20Page - Texas Instruments TUSB1142 Datasheet HTML 21Page - Texas Instruments TUSB1142 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 55 page
background image
7 Detailed Description
7.1 Overview
The TUSB1142 is a 10 Gbps USB 3.2 linear redriver with 1:2 DeMUX or 2:1 Mux function for USB-C
applications. The TUSB1142 is intended to reside between a Host and a USB-C receptacle or between a USB
device and a USB-C receptacle. The TUSB1142 supports both USB 3.2 Gen2 (10 Gbps) and Gen1 (5 Gbps) as
well as USB 3.2 low power states (Disconnect, U1, U2, and U3).
The TUSB1142 supports up to 16 receiver equalization settings controlled by either pin-strap pins or through I2C
registers. The USB connector facing receivers (CRX1 and CRX2) support three equalization modes: Fixed EQ,
Fast AEQ, and Full AEQ. Selection between these modes is done through either pin-strap pins or through I2C
regisrers. The other receivers (SSTX) only support Fixed EQ.
The TUSB1142 operates as a linear redriver for signals traversing from the SSTX receivers towards CTX1/2
transmitters. It can operate as either a linear redriver or limited redriver for signals traversing from CRX1/2
receivers towards SSRX transmitters. TUSB1142 defaults to linear redriver but can be enabled for limited
redriver by I2C register. When enabled for limited redriver, the SSRX transmitter support four levels of pre-shoot
and four-levels of de-emphasis.
TUSB1142
SLLSFL2 – APRIL 2022
www.ti.com
18
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TUSB1142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com