Electronic Components Datasheet Search
  English  ▼

X  

1008 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 1008
Description  RF LDMOS Wideband Integrated Power Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

1008 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 1008 Datasheet HTML 3Page - Freescale Semiconductor, Inc 1008 Datasheet HTML 4Page - Freescale Semiconductor, Inc 1008 Datasheet HTML 5Page - Freescale Semiconductor, Inc 1008 Datasheet HTML 6Page - Freescale Semiconductor, Inc 1008 Datasheet HTML 7Page - Freescale Semiconductor, Inc 1008 Datasheet HTML 8Page - Freescale Semiconductor, Inc 1008 Datasheet HTML 9Page - Freescale Semiconductor, Inc 1008 Datasheet HTML 10Page - Freescale Semiconductor, Inc 1008 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MW4IC001NR4 MW4IC001MR4
7
RF Device Data
Freescale Semiconductor
TYPICAL CHARACTERISTICS - 1990 MHz
ηD
1990
0
40
1930
−35
−11
IRL
Gps
IMD
f1, FREQUENCY (MHz)
Figure 10. Two-Tone Performance versus
Frequency
35
30
25
20
15
10
5
1940
1950
1960
1970
1980
−14
−17
−20
−23
−26
−29
−32
1.3
14.4
0.1
56
Gps
Pout, OUTPUT POWER (WATTS)
Figure 11. CW Performance versus Output
Power
VDD = 28 Vdc
IDQ = 12 mA
f = 1990 MHz
14.0
13.6
13.2
12.8
12.4
0.2 0.3
0.4
0.5
0.6
0.7
0.8 0.9
1.0
1.1 1.2
48
40
32
24
16
1
−60
−30
0.01
IDQ = 20 mA
16 mA
Pout, OUTPUT POWER (WATTS) PEP
Figure 12. Intermodulation Distortion versus
Output Power
VDD = 28 Vdc
f1 = 1990 MHz, f2 = 1990.1 MHz
Two −Tone Measurement
100 kHz Tone Spacing
12 mA
9.6 mA
−35
−40
−45
−50
−55
0.1
1
−30
0.01
3rd Order
OUTPUT POWER (WATTS) PEP
Figure 13. Intermodulation Distortion
Products versus Output Power
7th Order
5th Order
VDD = 28 Vdc
IDQ = 12 mA, f1 = 1990 MHz, f2 = 1990.1 MHz
Two−Tone Measurement, 100 kHz Tone Spacing
−35
−40
−45
−50
−55
−60
−65
−70
−75
0.1
1
−30
0.01
10 MHz
Pout, OUTPUT POWER (WATTS) PEP
Figure 14. Third Order Intermodulation
Distortion versus Output Power
VDD = 28 Vdc
IDQ = 12 mA
f1 = 1990 MHz
f2 = f1 + Tone Spacing
Two −Tone Measurement
100 kHz
−35
−40
−45
−50
−55
−60
0.1
1 MHz
P1dB
VDD = 28 Vdc, Pout = 0.9 W (PEP), IDQ = 12 mA
Two−Tone Measurement, 100 kHz Tone Spacing
ηD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com