Electronic Components Datasheet Search
  English  ▼

X  

1008 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 1008
Description  RF LDMOS Wideband Integrated Power Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

1008 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 1008 Datasheet HTML 5Page - Freescale Semiconductor, Inc 1008 Datasheet HTML 6Page - Freescale Semiconductor, Inc 1008 Datasheet HTML 7Page - Freescale Semiconductor, Inc 1008 Datasheet HTML 8Page - Freescale Semiconductor, Inc 1008 Datasheet HTML 9Page - Freescale Semiconductor, Inc 1008 Datasheet HTML 10Page - Freescale Semiconductor, Inc 1008 Datasheet HTML 11Page - Freescale Semiconductor, Inc 1008 Datasheet HTML 12Page - Freescale Semiconductor, Inc 1008 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MW4IC001NR4 MW4IC001MR4
9
RF Device Data
Freescale Semiconductor
TYPICAL CHARACTERISTICS - 2170 MHz
2170
32
IRL
Gps
IMD
f, FREQUENCY (MHz)
Figure 17. Two-Tone Performance versus
Frequency
VDD = 28 Vdc
Pout = 0.9 W (PEP)
IDQ = 12 mA
Two−Tone Measurement,
100 kHz Tone Spacing
27
22
17
12
2160
2150
2140
2130
2120
2110
−28
−13
−18
−23
−33
ηD
0.1
60
Gps
Pout, OUTPUT POWER (WATTS) PEP
Figure 18. CW Performance versus Output
Power
VDD = 28 Vdc
IDQ = 12mA
f = 2170 MHz
50
40
30
20
10
0
13.8
13.4
13.0
12.6
12.2
11.8
11.4
0.2 0.3 0.4 0.5 0.6 0.7 0.8
1.0 1.1 1.2 1.3 1.4 1.5
0.9
1
−20
0.01
Pout, OUTPUT POWER (WATTS) PEP
Figure 19. Intermodulation Distortion versus
Output Power
−25
−30
−35
−40
−45
−50
0.1
IDQ = 7.2 mA
12 mA
VDD = 28 Vdc
f1 = 2170 MHz, f2 = 2170.1 MHz
Two−Tone Measurement
100 kHz Tone Spacing
20 mA
9.6 mA
16 mA
−20
Pout, OUTPUT POWER (WATTS) PEP
Figure 20. Intermodulation Distortion
Products versus Output Power
VDD = 28 Vdc, IDQ = 12 mA,
f1 = 2170 MHz, f2 = 2170.1 MHz
Two−Tone Measurement, 100 kHz Tone Spacing
5th Order
3rd Order
7th Order
−25
−35
−30
−45
−40
−50
−55
−60
−65
−70
0.01
0.1
1
1
−20
0.01
1 MHz
Pout, OUTPUT POWER (WATTS) PEP
Figure 21. Third Order Intermodulation
Distortion versus Output Power
100 kHz
10 MHz
VDD = 28 Vdc
IDQ = 12 mA
f1 = 2170 MHz
f2 = f1 + Tone Spacing
Two −Tone Measurement
−25
−30
−35
−40
−45
0.1
P1dB
ηD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com