Electronic Components Datasheet Search
  English  ▼

X  

5560 Datasheet(PDF) 2 Page - Applied Motion Products, Inc.

Part # 5560
Description  Si-100 Motor Control
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMP [Applied Motion Products, Inc.]
Direct Link  https://www.applied-motion.com/
Logo AMP - Applied Motion Products, Inc.

5560 Datasheet(HTML) 2 Page - Applied Motion Products, Inc.

  5560 Datasheet HTML 1Page - Applied Motion Products, Inc. 5560 Datasheet HTML 2Page - Applied Motion Products, Inc. 5560 Datasheet HTML 3Page - Applied Motion Products, Inc. 5560 Datasheet HTML 4Page - Applied Motion Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
404 Westridge Dr. • Watsonville, CA 95076
831/761-6555 • 800/525-1609 • FAX 831/761-6544
www.appliedmotionproducts.com
209
MOTOR
CONTROLS
AC INPUT POWER ...................................... 110 or 220 VAC (switch selectable), 50–60 Hz.
MOTOR RESOLUTION ................................ 16 resolutions. Steps per revolution with 1.8˚ motor: 200, 400,
1000, 2000, 5000, 10000, 12800, 18000, 20000, 21600, 25000,
25400, 25600, 36000, 50000, 50800.
STEP AND DIRECTION OUTPUTS .............. 2 sourcing outputs (step+ and dir+) and 2 sinking outputs (step–
and dir–). Step+ and dir+ are 2.5min., 3.4V typ. with a 20na load.
Step– and dir– are 8.5V max., 0.3V typ. with a 20ma load. The
step frequency is 50Hz to 2.54MHz. The step duty cycle is 50%
and the step rate is updated at 12,800Hz.
POWER SUPPLY OUTPUTS ........................ 5 and 24 VDC., 100ma max. The 24 VDC supply is isolated from
the internal circuitry. The 5 VDC supply is not. Each supply is pro-
tected by a self resetting fuse.
SERIAL COMMUNICATION ......................... RS-232 programming port.
STATUS LED'S ............................................ Two color, normal (green), limit (red).
INPUTS ....................................................... 8 inputs, 5–24 VDC, bidirectional, optically isolated.
2 dedicated limit switch inputs.
4 dedicated general purpose inputs (for triggering, sensing & pro-
gram branching).
2 JOG inputs (cw and ccw) can be also used as general purpose
inputs.
OUTPUTS ................................................... 3 general purpose, optically isolated outputs for interfacing to
other equipment. Can be set to a high or low voltage or pro-
grammed to send a pulse by the
Set Output instruction.
PARAMETER RANGES ............................... Distance: 1 to 16,000,000 steps. Speed: .025 to 50 revolutions per
second (in any microstep resolution). Acceleration: 1 to 3,000 rev/
sec/sec. Deceleration: 1 to 3,000 rev/sec/sec (set independently
from acceleration). Time Delays: .01 to 300 seconds. Output Pulse
Widths: 2 to 500 milliseconds. Iterations per loop: 1 to 65,535.
OPTIONAL OPERATOR INTERFACE (MMI) NEMA 4X rated (splash proof & dust proof). 4 x 20 characters liq-
uid crystal display (LCD). 20 key membrane keypad. Overall size:
4.9 x 4.9 x 1.42 inches.
SYSTEM SPECIFICATIONS:
OVERALL SIZE ........................................... 1.25 x 3.86 x 8 inches. See mechanical outline.
CASE MATERIAL ........................................ Steel, finished with black textured paint and white silk screen.
WEIGHT ...................................................... 2 lbs.
AMBIENT TEMPERATURE .......................... 0˚ to 50˚C (32˚ to 122˚F).
HUMIDITY .................................................. Maximum of 90% non-condensing.
CONNECTORS ............................................ Screw terminal connectors for input power and I/O signals.
DRIVES ....................................................... Indexer for step and direction compatible stepper and brushless
DC drives.
Si-100 Technical Specifications



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com