Electronic Components Datasheet Search
  English  ▼

X  

5560 Datasheet(PDF) 3 Page - Applied Motion Products, Inc.

Part # 5560
Description  Si-100 Motor Control
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMP [Applied Motion Products, Inc.]
Direct Link  https://www.applied-motion.com/
Logo AMP - Applied Motion Products, Inc.

5560 Datasheet(HTML) 3 Page - Applied Motion Products, Inc.

  5560 Datasheet HTML 1Page - Applied Motion Products, Inc. 5560 Datasheet HTML 2Page - Applied Motion Products, Inc. 5560 Datasheet HTML 3Page - Applied Motion Products, Inc. 5560 Datasheet HTML 4Page - Applied Motion Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
404 Westridge Dr. • Watsonville, CA 95076
831/761-6555 • 800/525-1609 • FAX 831/761-6544
www.appliedmotionproducts.com
210
MOTOR
CONTROLS
BLOCK DIAGRAM:
MECHANICAL OUTLINE:
power/status LED
110/220 VAC
fuse
INPUT1
INPUT2
INPUT3
INPUT4
CW JOG
CCW JOG
to PC
or MMI
24VDC OUT
CW LIMIT
CCW LIMIT
OUT1
OUT2
OUT3
STEP+
STEP-
DIR+
DIR-
Optical
Isolation
Internal
Power
Supply
eeprom
line
drivers
Si™
High
Speed
Indexer
RS232
Optical
Isolation
Optical
Isolation
1.25"
7.17"
0.20"
.625"
7.625"
8.00"
3.86"
0.06"
Si-100
Motion Controller
POWER
G
L2/N
L1
AC POWER
STOP
STEP+
STEP–
DIR+
DIR–
GND
+5 VDC
24V GND
+24 VDC
OUT3+
OUT3–
IN/JOG COM
IN1
OUT2–
OUT2+
OUT1–
OUT1+
CCWJOG/IN6
LIMIT COM
CW LIMIT
CCW LIMIT
CWJOG/IN5
IN4
IN3
IN2
Si-100 Technical Drawings



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com