Electronic Components Datasheet Search
  English  ▼

X  

5560 Datasheet(PDF) 4 Page - Applied Motion Products, Inc.

Part # 5560
Description  Si-100 Motor Control
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMP [Applied Motion Products, Inc.]
Direct Link  https://www.applied-motion.com/
Logo AMP - Applied Motion Products, Inc.

5560 Datasheet(HTML) 4 Page - Applied Motion Products, Inc.

  5560 Datasheet HTML 1Page - Applied Motion Products, Inc. 5560 Datasheet HTML 2Page - Applied Motion Products, Inc. 5560 Datasheet HTML 3Page - Applied Motion Products, Inc. 5560 Datasheet HTML 4Page - Applied Motion Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
404 Westridge Dr. • Watsonville, CA 95076
831/761-6555 • 800/525-1609 • FAX 831/761-6544
www.appliedmotionproducts.com
211
MOTOR
CONTROLS
Si-100 Connectors and Switches
user power supply outputs
input connector
inputs/limits connector
power LED
AC power
RS232 connector
USER POWER OUTPUTS
position no.
1
+24 VDC
2
24 V GND
3
+5 VDC
4
GND
I/O
position no.
1
step+
2
step–
3dir+
4dir–
5
out 1+
6
out 1–
7
out 2+
8
out 2–
9
out 3+
10
out 3–
11
in/jog com
12
in 1
13
in 2
14
in 3
15
in 4
16
cw jog/in 5
17
ccw jog/in 6
18
limit com
19
cw limit
20
ccw limit
AC POWER
position no.
1G
2
L2/N
3L1
output connector



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com