Electronic Components Datasheet Search
  English  ▼

X  

ACE14805B Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

Part # ACE14805B
Description  Dual P-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE14805B Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

  ACE14805B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE14805B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE14805B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE14805B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE14805B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE14805B Datasheet HTML 6Page - ACE Technology Co., LTD. ACE14805B Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ACE14805B
Dual P-Channel Enhancement Mode Power MOSFET
VER 1.2
6
Packing Information
SOP-8
Symbol
Dimensions In Millimeters
Dimensions In Inches
Min
Nom
Max
Min
Nom
Max
A
1.350
1.650
1.750
0.053
0.065
0.069
A1
0.100
0.150
0.250
0.004
0.006
0.010
A2
1.250
1.500
1.650
0.049
0.059
0.065
b
0.310
0.410
0.510
0.012
0.016
0.020
c
0.170
0.200
0.250
0.007
0.008
0.010
D
4.800
4.900
5.000
0.189
0.193
0.197
E
3.800
3.900
4.000
0.150
0.154
0.157
e
1.270 (BSC)
0.050 (BSC)
E1
5.800
6.000
6.200
0.228
0.236
0.244
h
0.250
0.300
0.500
0.010
0.012
0.020
L
0.400
0.690
1.270
0.016
0.027
0.050
θ
0°
4°
8°
0°
4°
8°



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com