Electronic Components Datasheet Search
  English  ▼

X  

ACE14805B Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE14805B
Description  Dual P-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE14805B Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE14805B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE14805B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE14805B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE14805B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE14805B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE14805B Datasheet HTML 6Page - ACE Technology Co., LTD. ACE14805B Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ACE14805B
Dual P-Channel Enhancement Mode Power MOSFET
VER 1.2
1
Description
Load switch
PWM applications
Features
VDS=-30V
ID=-8A
RDS(ON)@VGS=-10V,TYP 18
mΩ
RDS(ON)@VGS=-4.5V,TYP22
mΩ
Absolute Maximum Ratings
Parameter
Symbol
Limit
Units
Drain-Source Voltage
VDSS
-30
V
Gate-Source Voltage
VGSS
±20
V
Continuous
Drain Current
*AC
TA=25℃
ID
-8
A
TA=70℃
-5.5
Pulsed Drain Current
*B
IDM
-31.6
A
Power Dissipation
TA=25℃
PD
2
W
Operating temperature / storage temperature
TJ/TSTG
-55~150
℃
Thermal Resistance Ratings
Parameter
Symbol
Typical
Maximum
Units
Maximum Junction-to-Ambient
Steady State
RthJA
50
62.5
°C/W
Maximum Junction-to-Lead
RthJL
25
35


Similar Part No. - ACE14805B

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE14805SB ACE-ACE14805SB Datasheet
1Mb / 7P
Dual P-Channel Enhancement Mode Power MOSFET
VER 1.1
ACE14805SBFM+H ACE-ACE14805SBFM+H Datasheet
1Mb / 7P
Dual P-Channel Enhancement Mode Power MOSFET
VER 1.1
More results

Similar Description - ACE14805B

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTDP9933KQ8 CYSTEKEC-MTDP9933KQ8 Datasheet
416Kb / 9P
Dual P-Channel Enhancement Mode Power MOSFET
MTDP9620Q8 CYSTEKEC-MTDP9620Q8 Datasheet
401Kb / 9P
Dual P-Channel Enhancement Mode Power MOSFET
logo
Advanced Power Electron...
AP3B026M A-POWER-AP3B026M Datasheet
71Kb / 6P
DUAL P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Cystech Electonics Corp...
MTA9D0B03Q8 CYSTEKEC-MTA9D0B03Q8 Datasheet
295Kb / 9P
Dual P-Channel Enhancement Mode Power MOSFET
MTA40B03Q8 CYSTEKEC-MTA40B03Q8 Datasheet
661Kb / 9P
Dual P-Channel Enhancement Mode Power MOSFET
logo
Shenzhen Huazhimei Semi...
HM4805B HMSEMI-HM4805B Datasheet
778Kb / 6P
Dual P-Channel Enhancement Mode Power MOSFET
HM4885A HMSEMI-HM4885A Datasheet
975Kb / 7P
Dual P-Channel Enhancement Mode Power MOSFET
HM4953A HMSEMI-HM4953A Datasheet
585Kb / 7P
Dual P-Channel Enhancement Mode Power MOSFET
HM4803 HMSEMI-HM4803 Datasheet
554Kb / 7P
Dual P-Channel Enhancement Mode Power MOSFET
logo
ACE Technology Co., LTD...
ACE14805SB ACE-ACE14805SB Datasheet
1Mb / 7P
Dual P-Channel Enhancement Mode Power MOSFET
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com