Electronic Components Datasheet Search
  English  ▼

X  

ADM3052 Datasheet(PDF) 4 Page - Analog Devices

Part # ADM3052
Description  Isolated CAN Transceiver with Integrated High Voltage, Bus-Side, Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3052 Datasheet(HTML) 4 Page - Analog Devices

  ADM3052 Datasheet HTML 1Page - Analog Devices ADM3052 Datasheet HTML 2Page - Analog Devices ADM3052 Datasheet HTML 3Page - Analog Devices ADM3052 Datasheet HTML 4Page - Analog Devices ADM3052 Datasheet HTML 5Page - Analog Devices ADM3052 Datasheet HTML 6Page - Analog Devices ADM3052 Datasheet HTML 7Page - Analog Devices ADM3052 Datasheet HTML 8Page - Analog Devices ADM3052 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADM3052
Data Sheet
Rev. B | Page 4 of 20
TIMING SPECIFICATIONS
All voltages are relative to their respective ground; 3.0 V ≤ VDD1 ≤ 5.5 V, TA = −40°C to +85°C, V+ = 11 V to 25 V, unless otherwise noted.
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
DRIVER
Maximum Data Rate
1
Mbps
Propagation Delay from TxD On to Bus Active
tonTxD
90
ns
See Figure 25 and Figure 27,
RL = 60 Ω, CL = 100 pF
Propagation Delay from TxD Off to Bus Inactive
toffTxD
120
ns
See Figure 25 and Figure 27,
RL = 60 Ω, CL = 100 pF
RECEIVER
Propagation Delay from TxD On to Receiver Active
tonRxD
200
ns
See Figure 25 and Figure 27,
RL = 60 Ω, CL = 100 pF
Propagation Delay from TxD Off to Receiver Inactive
toffRxD
250
ns
See Figure 25 and Figure 27,
RL = 60 Ω, CL = 100 pF
POWER-UP
Enable Time, V+ High to V+SENSE Low
tSE
300
μs
See Figure 29
Disable Time, V+ Low to V+SENSE High
tSD
10
ms
See Figure 29
REGULATORY INFORMATION
Table 3. ADM3052 Approvals
Organization
Approval Type
Notes
UL
Recognized under the component recognition
program of Underwriters Laboratories, Inc.
In accordance with UL 1577, each ADM3052 is proof tested by
applying an insulation test voltage ≥6000 V rms for 1 second
(current leakage detection limit = 10 μA)
VDE
Certified according to DIN V VDE V 0884-10
(VDE V 0884-10):2006-12
In accordance with DIN V VDE V 0884-10, each ADM3052 is proof
tested by applying an insulation test voltage ≥1590 V peak for
1 second (partial discharge detection limit = 5 pC)
INSULATION AND SAFETY-RELATED SPECIFICATIONS
Table 4.
Parameter
Symbol
Value
Unit
Conditions
Rated Dielectric Insulation Voltage
5000
V rms
1-minute duration
Minimum External Air Gap (Clearance)
L(I01)
7.7
mm
Measured from input terminals to output terminals,
shortest distance through air
Minimum External Tracking (Creepage)
L(I02)
7.6
mm
Measured from input terminals to output terminals,
shortest distance along body
Minimum Internal Gap (Internal Clearance)
0.017 min
mm
Insulation distance through insulation
Tracking Resistance (Comparative Tracking Index)
CTI
>400
V
DIN IEC 112/VDE 0303-1
Isolation Group
II
Material group (DIN VDE 0110)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com