Electronic Components Datasheet Search
  English  ▼

X  

ADM3052 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM3052
Description  Isolated CAN Transceiver with Integrated High Voltage, Bus-Side, Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3052 Datasheet(HTML) 3 Page - Analog Devices

  ADM3052 Datasheet HTML 1Page - Analog Devices ADM3052 Datasheet HTML 2Page - Analog Devices ADM3052 Datasheet HTML 3Page - Analog Devices ADM3052 Datasheet HTML 4Page - Analog Devices ADM3052 Datasheet HTML 5Page - Analog Devices ADM3052 Datasheet HTML 6Page - Analog Devices ADM3052 Datasheet HTML 7Page - Analog Devices ADM3052 Datasheet HTML 8Page - Analog Devices ADM3052 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
ADM3052
Rev. B | Page 3 of 20
SPECIFICATIONS
All voltages are relative to their respective ground; 3.0 V ≤ VDD1 ≤ 5.5 V, TA = −40°C to +85°C, V+ = 11 V to 25 V, unless otherwise noted.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
SUPPLY CURRENT
Power Supply Current Logic Side
TxD/RxD Data Rate 1 Mbps
IDD1
0.7
2
mA
Power Supply Current Bus Side
Recessive State
I+
10
mA
RL = 60 Ω, see Figure 26
Dominant State
I+
64
75
mA
RL = 60 Ω, see Figure 26
TxD/RxD Data Rate 1 Mbps
I+
48
55
mA
RL = 60 Ω, see Figure 26
EXTERNAL RESISTOR
Resistance
RP
297
300
303
Ω
Power Rating
0.75
W
DRIVER
Logic Inputs
Input Voltage High
VIH
0.7 VDD1
V
TxD
Input Voltage Low
VIL
0.25 VDD1 V
TxD
CMOS Logic Input Currents
IIH, IIL
500
μA
TxD
Differential Outputs
Recessive Bus Voltage
VCANL, VCANH
2.0
3.0
V
VTxD = high, RL = ∞, see Figure 23
CANH Output Voltage
VCANH
2.75
4.5
V
VTxD = low, see Figure 23
CANL Output Voltage
VCANL
0.5
2.0
V
VTxD = low, see Figure 23
Differential Output Voltage
VOD
1.5
3.0
V
VTxD = low, RL = 45 Ω, see Figure 23
VOD
−500
+50
mV
VTxD = high, RL = ∞, see Figure 23
Short-Circuit Current, CANH
ISCCANH
−200
mA
VCANH = −5 V
−100
mA
VCANH = −36 V
Short-Circuit Current, CANL
ISCCANL
200
mA
VCANL = 36 V
RECEIVER
Differential Inputs
Voltage Recessive
VIDR
−1.0
+0.5
V
−7 V < VCANL, VCANH < 12 V, see Figure 24,
CL = 15 pF
Voltage Dominant
VIDD
0.9
5.0
V
−7 V < VCANL, VCANH < 12 V, see Figure 24,
CL = 15 pF
Input Voltage Hysteresis
VHYS
150
mV
See Figure 24
CANH, CANL Input Resistance
RIN
5
25
kΩ
Differential Input Resistance
RDIFF
20
100
kΩ
Logic Outputs
Output Low Voltage
VOL
0.2
0.4
V
IOUT = 1.5 mA
Output High Voltage
VOH
VDD1 − 0.3
VDD1 − 0.2
V
IOUT = −1.5 mA
Short-Circuit Current
IOS
7
85
mA
VOUT = GND1 or VDD1
VOLTAGE REFERENCE
Reference Output Voltage
VREF
2.025
3.025
V
|IREF = 50 μA|
BUS VOLTAGE SENSE
V+SENSE Output Voltage Low
VOL
0.2
0.4
V
IO+SENSE = 1.5 mA
V+SENSE Output Voltage High
VOH
VDD1 − 0.3
VDD1 − 0.2
V
IO+SENSE = −1.5 mA
Threshold Voltage
V+SENSETH
7.0
10
V
COMMON-MODE TRANSIENT
IMMUNITY1
25
kV/μs
VCM = 1 kV, transient magnitude = 800 V
1 CM is the maximum common-mode voltage slew rate that can be sustained while maintaining specification-compliant operation. VCM is the common-mode potential
difference between the logic and bus sides. The transient magnitude is the range over which the common mode is slewed. The common-mode voltage slew rates
apply to both rising and falling common-mode voltage edges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com