Electronic Components Datasheet Search
  English  ▼

X  

ADM3052 Datasheet(PDF) 13 Page - Analog Devices

Part # ADM3052
Description  Isolated CAN Transceiver with Integrated High Voltage, Bus-Side, Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3052 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADM3052 Datasheet HTML 9Page - Analog Devices ADM3052 Datasheet HTML 10Page - Analog Devices ADM3052 Datasheet HTML 11Page - Analog Devices ADM3052 Datasheet HTML 12Page - Analog Devices ADM3052 Datasheet HTML 13Page - Analog Devices ADM3052 Datasheet HTML 14Page - Analog Devices ADM3052 Datasheet HTML 15Page - Analog Devices ADM3052 Datasheet HTML 16Page - Analog Devices ADM3052 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
ADM3052
Rev. B | Page 13 of 20
SWITCHING CHARACTERISTICS
0.25VDD1
0.9V
VOR
VOD
0V
0V
VDD1
0.5V
0.4V
VDIFF
VRxD
VDD1
VTxD
VDD1 – 0.3V
0.7VDD1
VDIFF = VCANH – VCANL
tonTxD
toffTxD
tonRxD
toffRxD
Figure 27. Driver and Receiver Propagation Delay
0.5
0.9
VRxD
HIGH
LOW
VHYS
VID (V)
Figure 28. Receiver Input Hysteresis
25V
V+
0V
VDD1
V+SENSE
tSE
tSD
0.4V
VDD1 – 0.3
V+SENSETH
V+SENSETH
0V
Figure 29. V+SENSE Enable/Disable Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com