Electronic Components Datasheet Search
  English  ▼

X  

ADM3252EABCZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADM3252EABCZ
Description  Isolated, Dual Channel, RS-232 Line Driver/Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3252EABCZ Datasheet(HTML) 3 Page - Analog Devices

  ADM3252EABCZ Datasheet HTML 1Page - Analog Devices ADM3252EABCZ Datasheet HTML 2Page - Analog Devices ADM3252EABCZ Datasheet HTML 3Page - Analog Devices ADM3252EABCZ Datasheet HTML 4Page - Analog Devices ADM3252EABCZ Datasheet HTML 5Page - Analog Devices ADM3252EABCZ Datasheet HTML 6Page - Analog Devices ADM3252EABCZ Datasheet HTML 7Page - Analog Devices ADM3252EABCZ Datasheet HTML 8Page - Analog Devices ADM3252EABCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
ADM3252E
Rev. A | Page 3 of 16
SPECIFICATIONS
All voltages are relative to their respective grounds, all minimum/maximum specifications apply over the entire recommended operating
range, TA = −40°C to +85°C, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DC CHARACTERISTICS
VCC Operating Voltage Range
3.0
3.3
5.5
V
UVLO Threshold
Rising
2.7
V
Undervoltage lockout
Falling
2.3
V
Input Supply Current, ICC
20
35
mA
No load
45
75
mA
RL = 3 kΩ, VCC = 3.0 V to 5.5 V
35
60
mA
RL = 3 kΩ, VCC = 3.3 V
VISO Output
3.3
V
IISO = 0 μA
VISO Maximum Load Current, IISO(MAX)
15
mA
LOGIC
Transmitter Inputs, TIN1 and TIN2
Logic Input Current
−10
+0.01
+10
μA
Logic Input Threshold
Low
0.3 × VCC
V
High
0.7 × VCC
V
Receiver Outputs, ROUT1 and ROUT2
Logic High Output
VCC − 0.2
VCC
V
IROUTH = −20 μA
VCC − 0.5
VCC − 0.3
V
IROUTH = −4 mA
Logic Low Output
0.0
0.1
V
IROUTH = 20 μA
0.2
0.4
V
IROUTH = 4 mA
RS-232
Receiver Inputs, RIN1 and RIN2
EIA-232 Input
Voltage Range1
−30
+30
V
Threshold Low
0.8
1.0
V
Threshold High
1.5
2.0
V
Hysteresis
0.45
V
Resistance
3
5
7
kΩ
Transmitter Outputs, TOUT1 and TOUT2
Output Voltage Swing (RS-232)
±5.0
±5.2
V
RL = 3 kΩ to GND
Transmitter Output Resistance
300
Ω
VCC = 0 V, VISO = 0 V
Output Short-Circuit Current (RS-232)
±15
mA
TIMING CHARACTERISTICS
Maximum Data Rate
460
kbps
RL = 3 kΩ to 7 kΩ, CL = 50 pF to 1000 pF
Receiver Propagation Delay
tPHL
0.4
1
μs
tPLH
0.4
1
μs
Transmitter Propagation Delay
0.3
1.2
μs
RL = 3 kΩ, CL = 1000 pF
Transmitter Skew
30
ns
Receiver Skew
300
ns
Transition Region Slew Rate
10
V/μs
Measured from +3 V to −3 V or −3 V to +3 V,
VCC = +3.3 V, RL = 3 kΩ, CL = 1000 pF, TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com