Electronic Components Datasheet Search
  English  ▼

X  

ADM3252EABCZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADM3252EABCZ
Description  Isolated, Dual Channel, RS-232 Line Driver/Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3252EABCZ Datasheet(HTML) 4 Page - Analog Devices

  ADM3252EABCZ Datasheet HTML 1Page - Analog Devices ADM3252EABCZ Datasheet HTML 2Page - Analog Devices ADM3252EABCZ Datasheet HTML 3Page - Analog Devices ADM3252EABCZ Datasheet HTML 4Page - Analog Devices ADM3252EABCZ Datasheet HTML 5Page - Analog Devices ADM3252EABCZ Datasheet HTML 6Page - Analog Devices ADM3252EABCZ Datasheet HTML 7Page - Analog Devices ADM3252EABCZ Datasheet HTML 8Page - Analog Devices ADM3252EABCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADM3252E
Data Sheet
Rev. A | Page 4 of 16
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
AC SPECIFICATIONS
Output Rise/Fall Time, tR/tF (10% to 90%)
2.5
ns
CL = 15 pF, CMOS signal levels
Common-Mode Transient Immunity
Logic High Output2
25
kV/μs
VCM = 1 kV, transient magnitude = 800 V
Logic Low Output2
25
kV/μs
VCM = 1 kV, transient magnitude = 800 V
Refresh Rate
1.0
Mbps
1
Guaranteed by design.
2
VCM is the maximum common-mode voltage slew rate that can be sustained while maintaining specification compliant operation. VCM is the common-mode potential
difference between the logic and bus sides. The transient magnitude is the range over which the common-mode voltage is slewed. The common-mode voltage slew
rates apply to both rising and falling common-mode edges.
PACKAGE CHARACTERISTICS
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
PACKAGE CHARACTERISTICS
Resistance (Input-to-Output)
RI-O
1012
Ω
Capacitance (Input-to-Output)
CI-O
2.2
pF
f = 1 MHz
Input Capacitance
CI
4.0
pF
IC Junction-to-Air Thermal Resistance
θJA
40
°C/W
REGULATORY INFORMATION (PENDING)
Table 3.
UL
CSA
VDE
Recognized Under UL 1577
Component Recognition
Program1
Approved under CSA Component Acceptance
Notice #5A
Certified according to IEC 60747-5-2 (VDE 0884
Part 2):2003-012
Single Protection, 2500 V rms
Isolation Voltage
Testing was conducted per CSA 60950-1-07 and
IEC 60950-1 2nd ed. at 2.5 kV rated voltage
Basic insulation, 560 V peak
Basic insulation at 400 V rms (565 V peak)
working voltage
1
In accordance with UL 1577, each ADM3252E is proof tested by applying an insulation test voltage ≥ 3000 V rms for 1 second (current leakage detection limit = 15 µA).
2
In accordance with IEC 60747-5-2 (VDE 0884 Part 2):2003-01, each ADM3252E is proof tested by applying an insulation test voltage ≥ 1050 V peak for 1 second (partial
discharge detection limit = 5 pC). The asterisk (*) marking branded on the component designates IEC 60747-5-2 (VDE 0884 Part 2):2003-01 approval.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com