Electronic Components Datasheet Search
  English  ▼

X  

ADM3252EABCZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADM3252EABCZ
Description  Isolated, Dual Channel, RS-232 Line Driver/Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3252EABCZ Datasheet(HTML) 1 Page - Analog Devices

  ADM3252EABCZ Datasheet HTML 1Page - Analog Devices ADM3252EABCZ Datasheet HTML 2Page - Analog Devices ADM3252EABCZ Datasheet HTML 3Page - Analog Devices ADM3252EABCZ Datasheet HTML 4Page - Analog Devices ADM3252EABCZ Datasheet HTML 5Page - Analog Devices ADM3252EABCZ Datasheet HTML 6Page - Analog Devices ADM3252EABCZ Datasheet HTML 7Page - Analog Devices ADM3252EABCZ Datasheet HTML 8Page - Analog Devices ADM3252EABCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Isolated, Dual Channel, RS-232 Line
Driver/Receiver
Data Sheet
ADM3252E
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2012–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
2.5 kV fully isolated (power and data) RS-232 transceiver
isoPower integrated, isolated dc-to-dc converter
Operational from single 3.3 V or 5 V supply
460 kbps data rate
2 × Tx and 2 × Rx channels
Meets EIA/TIA-232E specifications
ESD protection to IEC 61000-4-2 on RINx and TOUTx pins
Contact discharge: ±8 kV
Air gap discharge: ±15 kV
0.1 μF charge pump capacitors
High common-mode transient immunity: >25 kV/μs
Safety and regulatory approvals (pending)
UL recognition
2500 V rms for 1 minute per UL 1577
VDE certificate of conformity
IEC 60747-5-2 (VDE 0884, Part 2)
VIORM = 560 V peak
CSA Component Acceptance Notice #5A
Operating temperature range: −40°C to +85°C
44-ball chip scale package ball grid array (CSP_BGA)
APPLICATIONS
Isolated RS-232 interface
High noise data communications
Industrial communications
Industrial/telecommunications diagnostic ports
Medical equipment
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The ADM3252E is a high speed, 2.5 kV, fully isolated, dual-
channel RS-232/V.28 transceiver device that is operational from
a single 3.3 V or 5 V power supply. Because of high ESD protection
on the RIN1, RIN2, TOUT1, and TOUT2 pins, the ADM3252E is ideally
suited for operation in electrically harsh environments or where
RS-232 cables are frequently plugged and unplugged.
The ADM3252E provides four independent isolation channels
using the integrated and isolated power of isoPower™. There is
no requirement to use a separate isolated dc-to-dc converter. Chip
scale transformer iCoupler® technology from Analog Devices, Inc.,
is used for both the isolation of the logic signals and the integrated
dc-to-dc converter. The result is a total isolation solution.
iso
Power technology in the ADM3252E uses high frequency
switching elements to transfer power through its transformer.
Special care must be taken during printed circuit board (PCB)
layout to meet emissions standards. Refer to the AN-0971
Application Note, Recommendations for Control of Radiated
Emissions with isoPower Devices, for details on board layout
considerations.
The ADM3252E conforms to the EIA/TIA-232E and ITU-T V.28
specifications and operates at data rates of up to 460 kbps. Four
external 0.1 μF charge pump capacitors are used for the voltage
doubler/inverter, permitting operation from a single 3.3 V or 5 V
supply. The ADM3252E is available in a 44-ball, chip scale
package ball grid array (CSP_BGA) and is specified over the
−40°C to +85°C temperature range.
RECT
REG
V–
C4
0.1µF
16V
VOLTAGE
DOUBLER
C1+ C1– V+
VISO
C2+ C2–
VOLTAGE
INVERTER
VCC
GND
GNDISO
ADM3252E
OSC
DECODE
R
ROUT1
RIN1*
ENCODE
TIN1
T
TOUT1
ENCODE
DECODE
DECODE
R
ROUT2
RIN2*
ENCODE
TIN2
T
TOUT2
ENCODE
DECODE
C3
0.1µF
10V
C2
0.1µF
16V
0.1µF
10µF
C1
0.1µF
16V
*INTERNAL 5kΩ PULL-DOWN RESISTOR ON THE RS-232 INPUTS.


Similar Part No. - ADM3252EABCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3252EABCZ AD-ADM3252EABCZ Datasheet
352Kb / 16P
Isolated, Dual Channel, RS-232 Line Driver/Receiver
REV. 0
More results

Similar Description - ADM3252EABCZ

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4711B NEC-UPD4711B Datasheet
93Kb / 12P
RS-232 LINE DRIVER/RECEIVER
UPD4712C NEC-UPD4712C Datasheet
80Kb / 12P
RS-232 LINE DRIVER/RECEIVER
UPD4713A NEC-UPD4713A Datasheet
105Kb / 16P
RS-232 LINE DRIVER/RECEIVER
UPD4714A NEC-UPD4714A Datasheet
83Kb / 16P
RS-232 LINE DRIVER/RECEIVER
UPD4715A NEC-UPD4715A Datasheet
66Kb / 12P
RS-232 LINE DRIVER/RECEIVER
logo
Analog Devices
ADM3251E AD-ADM3251E Datasheet
133Kb / 6P
Isolated Single Channel RS-232 Line Driver/Receiver
Rev. PrA
ADM3251E AD-ADM3251E_1 Datasheet
382Kb / 16P
Isolated, Single-Channel RS-232 Line Driver/Receiver
REV. 0
ADM3251E_VE AD-ADM3251E_VE Datasheet
272Kb / 16P
Isolated, Single-Channel RS-232 Line Driver/Receiver
Rev. E
ADM3252E AD-ADM3252E Datasheet
352Kb / 16P
Isolated, Dual Channel, RS-232 Line Driver/Receiver
REV. 0
ADM3251E AD-ADM3251E_V01 Datasheet
357Kb / 16P
Isolated, Single-Channel RS-232 Line Driver/Receiver
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com