Electronic Components Datasheet Search
  English  ▼

X  

0916607 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 0916607
Description  Thermomagnetic circuit breakers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0916607 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  0916607 Datasheet HTML 1Page - PHOENIX CONTACT 0916607 Datasheet HTML 2Page - PHOENIX CONTACT 0916607 Datasheet HTML 3Page - PHOENIX CONTACT 0916607 Datasheet HTML 4Page - PHOENIX CONTACT 0916607 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UT 6-TMC M...
103943_en_04
PHOENIX CONTACT
4
3.2
Effect on thermal tripping of mounting in rows
The mutual thermal effect is tantamount to an increase in the
ambient temperature (see page 5). This depends on the
following:
–
The nominal current
–
The ambient temperature
–
The number of devices
–
The distance between devices
The nominal device current can be either overdimensioned
or limited. When the UT 6-TMC M is mounted in rows, the
correction factor is usually in the range of 1.25 or at
80% (reciprocal) in relation to the limiting nominal current.
These values apply in the event of continuous load and at an
ambient temperature of +23°C.
Since the thermal effect varies for each planned installation
when mounting in rows, the correction factors must be
defined individually and tested.
Calculation example for overdimensioning
5 circuit breakers with I
n = 10 A are to be mounted in rows.
The ambient temperature is +23°C.
3.3
Internal resistance of the UT 6-TMC M
Measurement between the LINE and LOAD connections.
Tolerance: ±10%
4
Mechanical data
NOTE: When mounted in rows with simultaneous
load, a mutual thermal effect occurs.
Nominal current when not mounted
in rows
I
n = 10 A
Typical correction factor
d
f = 1.25
Theoretical nominal current when
mounting in rows
I
n row = 10 A X 1.25
= 12.5 A
Nominal current
Resistance
0.5 A
4.37
Ω
1.0 A
0.95
Ω
2.0 A
0.33
Ω
4.0 A
88.0 m
Ω
5.0 A
55.8 m
Ω
6.0 A
41.7 m
Ω
8.0 A
22.2 m
Ω
10.0 A
12.3 m
Ω
12.0 A
10.9 m
Ω
15.0 A
8.3 m
Ω
16.0 A
7.7 m
Ω
Fixing
Mounting method
On a DIN rail according to DIN EN 60715, NS 35N/7,5 or NS 35/15
The tripping characteristics are not dependent on the mounting position.
Plug-in bridge, for cross connection in the bridge shaft
FBS x-6 plug-in bridge (see "Accessories" on page 2)
Connection polarity
Independent polarity (for DC) for the LINE and LOAD connections
Suitability
"Factory wiring"
Weight
51 g
Housing material
PA 66
Fuse type
Medium blow fuse
Inflammability class according to UL 94
V0
Maximum number of cycles
6000 at 1 x I
n
Connection terminal block
Screw connection
M4
Connection capacity
Solid
Stranded
With ferrule
1 conductor
0.2 mm² ... 10 mm²
0.2 mm² ... 10 mm²
0.25 mm² ... 6 mm²
2 conductors (two conductors with same cross-section, ferrule without
plastic sleeve)
0.2 mm² ... 2.5 mm²
0.25 mm² ... 1.5 mm²
2 stranded conductors with a TWIN ferrule
0.5 mm² ... 4 mm²
Stripping length
12 mm
Tightening torque (EN 60934)
1.5 Nm ... 1.8 Nm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com