Electronic Components Datasheet Search
  English  ▼

X  

0916607 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 0916607
Description  Thermomagnetic circuit breakers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0916607 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  0916607 Datasheet HTML 1Page - PHOENIX CONTACT 0916607 Datasheet HTML 2Page - PHOENIX CONTACT 0916607 Datasheet HTML 3Page - PHOENIX CONTACT 0916607 Datasheet HTML 4Page - PHOENIX CONTACT 0916607 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
UT 6-TMC M...
103943_en_04
5
PHOENIX CONTACT GmbH & Co. KG • 32823 Blomberg • Germany • Phone: +49 - 52 35 - 30 0
PHOENIX CONTACT • P.O.Box 4100 • Harrisburg • PA 17111-0100 • USA • Phone: +717-944-1300
www.phoenixcontact.com
5
Environmental influences
5.1
Temperature range, influence on the ambient
temperature
The following typical correction factors must be observed to
calculate the nominal current:
Correction factors
Example calculation:
A circuit breaker with I
n = 4 A is to be used at an ambient
temperature of +60°C.
5.2
IP protection class
5.3
Resistance to vibrations and shocks
5.4
Approvals
6Dimensions
Figure 2
Dimensions (in mm)
NOTE: Calibration is required for an ambient
temperature of +23°C.
Temperature range
-30°C … +60°C
Reference temperature
+23°C
°C
I
n [A]
-30
-20
-10
0
10
23
30
40
50
60
0.5
0.77
0.81
0.84
0.87
0.90
1.00
1.03
1.08
1.15
1.21
1
0.77
0.81
0.84
0.87
0.90
1.00
1.03
1.06
1.13
1.19
2
0.77
0.81
0.84
0.87
0.90
1.00
1.03
1.08
1.15
1.21
4
0.77
0.81
0.84
0.87
0.90
1.00
1.03
1.08
1.15
1.21
5
0.77
0.81
0.84
0.87
0.90
1.00
1.03
1.08
1.15
1.25
6
0.70
0.73
0.78
0.84
0.90
1.00
1.03
1.08
1.15
1.21
8
0.70
0.73
0.78
0.84
0.90
1.00
1.03
1.06
1.13
1.21
10
0.78
0.81
0.84
0.87
0.90
1.00
1.05
1.15
1.21
1.30
12
0.77
0.80
0.85
0.90
0.95
1.00
1.03
1.08
1.15
1.21
15
0.73
0.73
0.78
0.84
0.90
1.00
1.03
1.08
1.11
1.21
16
0.70
0.73
0.78
0.84
0.90
1.00
1.03
1.08
1.15
1.21
ø
0.75
0.78
0.82
0.86
0.90
1.00
1.03
1.08
1.15
1.22
Nominal current at +23°C
I
n (+23°C) = 4 A
Ambient temperature
T
amb = +60°C
Correction factor
df = 1.21
Theoretical nominal current at +60°C
I
n (+60°C) = 4 A x 1.21 = 4.84 A
At +60°C, a nominal current of 5 A should be selected.
IP protection class
Actuation area
IP40
Connection area
IP20
Shock resistance according to EN 60068-2-27,
Test Ea [3 shocks in each direction (= 18 shocks)]
Peak G
Pulse length
Pulse form
50g
11 ms
Half-sine
Vibration resistance according to EN 60068-2-6,
Test Fc - frequency range: 5 Hz ... 500 Hz
< 60 Hz
(constant amplitude)
> 60 Hz
(constant acceleration)
0.15 mm
2g
Certifica-
tion body
Standard
License
number
Approved as
VDE
IEC 60934
400028127 Circuit Breaker for
Equipment
UL
UL 1077
E140459
Supplementary
Protector
UL
CSA 22.2
No.235
E140459
Supplementary
Protector
CSA
CSA 22.2
No.235
250505
Supplementary
Protector



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com