Electronic Components Datasheet Search
  English  ▼

X  

0916607 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0916607
Description  Thermomagnetic circuit breakers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0916607 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0916607 Datasheet HTML 1Page - PHOENIX CONTACT 0916607 Datasheet HTML 2Page - PHOENIX CONTACT 0916607 Datasheet HTML 3Page - PHOENIX CONTACT 0916607 Datasheet HTML 4Page - PHOENIX CONTACT 0916607 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UT 6-TMC M...
103943_en_04
PHOENIX CONTACT
2
2Ordering data
3
Electrical data
Circuit breakers
Description
Nominal current
Type
Order No.
Pcs./Pkt.
Thermomagnetic circuit breaker, 1-pos.
0.5 A
UT 6-TMC M 0,5A
0916603
6
Thermomagnetic circuit breaker, 1-pos.
1 A
UT 6-TMC M 1A
0916604
6
Thermomagnetic circuit breaker, 1-pos.
2 A
UT 6-TMC M 2A
0916605
6
Thermomagnetic circuit breaker, 1-pos.
4 A
UT 6-TMC M 4A
0916606
6
Thermomagnetic circuit breaker, 1-pos.
5 A
UT 6-TMC M 5A
0916607
6
Thermomagnetic circuit breaker, 1-pos.
6 A
UT 6-TMC M 6A
0916608
6
Thermomagnetic circuit breaker, 1-pos.
8 A
UT 6-TMC M 8A
0916609
6
Thermomagnetic circuit breaker, 1-pos.
10 A
UT 6-TMC M 10A
0916610
6
Thermomagnetic circuit breaker, 1-pos.
12 A
UT 6-TMC M 12A
0916611
6
Thermomagnetic circuit breaker, 1-pos.
15 A
UT 6-TMC M 15A
0916612
6
Thermomagnetic circuit breaker, 1-pos.
16 A
UT 6-TMC M 16A
0916613
6
Accessories
Description
Type
Order No.
Pcs./Pkt.
Plug-in bridge, for cross connection in the bridge shaft, red, 2-pos.
FBS 2-6
3030336
50
Plug-in bridge, for cross connection in the bridge shaft, red, 3-pos.
FBS 3-6
3030242
50
Plug-in bridge, for cross connection in the bridge shaft, red, 4-pos.
FBS 4-6
3030255
50
Plug-in bridge, for cross connection in the bridge shaft, red, 5-pos.
FBS 5-6
3030349
50
Plug-in bridge, for cross connection in the bridge shaft, red, 10-pos.
FBS 10-6
3030271
10
Plug-in bridge, for cross connection in the bridge shaft, red, 20-pos.
FBS 20-6
3030365
10
Warning label, for UT series, yellow
WS UT 6
3047345
10
Screwdriver
SZS 1,0X4,0
1205066
10
UniCard sheet, for labeling
UC-TM 12
(See CLIPLINE catalog)
Zack marker strip, for labeling
ZB 12
(See CLIPLINE catalog)
Nominal current, nominal voltage, and additional electrical data
Rated insulation voltage
440 V AC
Rated frequency
50/60 Hz (at 240 V AC)
Nominal voltage
240 V AC, 28 V DC
Nominal current AC/DC
Depending on module: 0.5 A, 1 A, 2 A, 4 A, 5 A, 6 A, 8 A, 10 A, 12 A, 15 A, 16 A
Operating voltage range
50 V AC ... 264 V AC, 5 V DC ... 30.8 V DC
Operating frequency range
48 Hz ... 62 Hz
Insulation resistance (main circuit)
> 100 M
Ω
Insulation resistance
50 Hz: 2000 V
Pulse: 2800 V
Surge voltage category
II
Pollution degree
2
AC
DC
Switching cycles
Service life under load
Overload according to IEC 60943
Overload according to UL 1077
6000 cycles at 1 x I
n
40 cycles at 6 x I
n
50 cycles at 1.5 x I
n
6000 cycles at 1 x I
n
40 cycles at 6 x I
n
50 cycles at 1.5 x I
n
Short-circuit switching capacity (Inc)
200 A
400 A
Conditional short-circuit switching capacity (Inc)[Backup fuse]
2000 A
2000 A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com