Electronic Components Datasheet Search
  English  ▼

X  

4616 Datasheet(PDF) 5 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # 4616
Description  N and P-Channel Enhancement Mode Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

4616 Datasheet(HTML) 5 Page - Shenzhen Tuofeng Semiconductor Technology Co

  4616 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co 4616 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co 4616 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co 4616 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co 4616 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co 4616 Datasheet HTML 6Page - Shenzhen Tuofeng Semiconductor Technology Co 4616 Datasheet HTML 7Page - Shenzhen Tuofeng Semiconductor Technology Co 4616 Datasheet HTML 8Page - Shenzhen Tuofeng Semiconductor Technology Co 4616 Datasheet HTML 9Page - Shenzhen Tuofeng Semiconductor Technology Co Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Page
v1.0
5
-
+
VDC
Ig
Vds
DUT
-
+
VDC
Vgs
Vgs
10V
Qg
Qgs
Qgd
Charge
Gate Charge Test Circuit & Waveform
-
+
VDC
DUT
Vdd
Vgs
Vds
Vgs
RL
Rg
Vgs
Vds
10%
90%
Resistive Switching Test Circuit & Waveforms
t
tr
d(on)
t
on
t
d(off)
t f
t
off
Vdd
Vgs
Id
Vgs
Rg
DUT
-
+
VDC
L
Vgs
Vds
Id
Vgs
BV
I
Unclamped Inductive Switching (UIS) Test Circuit & Waveforms
Ig
Vgs
-
+
VDC
DUT
L
Vds
Vgs
Vds
Isd
Isd
Diode Recovery Test Circuit & Waveforms
Vds -
Vds +
I F
AR
DSS
2
E
= 1/2 LI
dI/dt
I RM
rr
Vdd
Vdd
Q
= - Idt
AR
AR
t
rr
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
SOP-8 Plastic-Encapsulate MOSFETS
4616
www.sztuofeng.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com