Electronic Components Datasheet Search
  English  ▼

X  

4622 Datasheet(PDF) 3 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # 4622
Description  N and P-Channel Enhancement Mode Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

4622 Datasheet(HTML) 3 Page - Shenzhen Tuofeng Semiconductor Technology Co

  4622 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co 4622 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co 4622 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co 4622 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co 4622 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co 4622 Datasheet HTML 6Page - Shenzhen Tuofeng Semiconductor Technology Co 4622 Datasheet HTML 7Page - Shenzhen Tuofeng Semiconductor Technology Co 4622 Datasheet HTML 8Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
N-CHANNEL TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
1.4
494
593
692
830
193
18
59
142
0
5
10
15
20
25
30
1
2
3
4
5
VGS(Volts)
Figure 2: Transfer Characteristics
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
ID (A)
Figure 3: On-Resistance vs. Drain Current and
Gate Voltage
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0.0
0.2
0.4
0.6
0.8
1.0
1.2
VSD (Volts)
Figure 6: Body-Diode Characteristics
25°C
125°C
-40°C
0.60
0.80
1.00
1.20
1.40
1.60
-50
-25
0
25
50
75
100
125
150
175
Temperature (°C)
Figure 4: On-Resistance vs. Junction
Temperature
VGS=4.5V, 6.4A
VGS=2.5V, 4.5A
10
15
20
25
30
35
40
3
4
5
6
7
8
9
10
VGS (Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
25°C
125°C
VDS=5V
VGS=10V
ID=6.4A
25°C
125°C
0
10
20
30
40
50
60
0
1
2
3
4
5
VDS (Volts)
Figure 1: On-Region Characteristics
VGS=3V
4.5V
10V
6V
3.5V
VGS=4.5V
-40°C
VGS=2.5V
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
SOP-8 Plastic-Encapsulate MOSFETS
4622
Page
v1.0
3
www.sztuofeng.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com