Electronic Components Datasheet Search
  English  ▼

X  

4622 Datasheet(PDF) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # 4622
Description  N and P-Channel Enhancement Mode Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

4622 Datasheet(HTML) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

  4622 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co 4622 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co 4622 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co 4622 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co 4622 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co 4622 Datasheet HTML 6Page - Shenzhen Tuofeng Semiconductor Technology Co 4622 Datasheet HTML 7Page - Shenzhen Tuofeng Semiconductor Technology Co 4622 Datasheet HTML 8Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Symbol
Max p-channel
Units
VDS
V
VGS
V
IDM
IAR
A
EAR
mJ
TJ, TSTG
°C
Symbol
Device
Typ
Max
Units
n-ch
48
62.5
°C/W
n-ch
74
110
°C/W
RθJL
n-ch
35
40
°C/W
p-ch
48
62.5
°C/W
p-ch
74
110
°C/W
RθJL
p-ch
35
40
°C/W
Maximum Junction-to-Lead
C
Steady-State
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
Maximum Junction-to-Ambient
A
Steady-State
-25
Power Dissipation
TA=25°C
PD
Steady-State
Junction and Storage Temperature Range
A
Continuous Drain
Current
AF
TA=25°C
ID
Pulsed Drain Current
B
W
6.4
35
2
-6.4
2
Absolute Maximum Ratings TA=25°C unless otherwise noted
Parameter
Max n-channel
20
-20
±12
Drain-Source Voltage
±16
Gate-Source Voltage
Thermal Characteristics: n-channel and p-channel
-55 to 150
-55 to 150
Maximum Junction-to-Lead
C
Steady-State
Parameter
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
Maximum Junction-to-Ambient
A
13
25
Avalanche Current
B
Repetitive avalanche energy 0.3mH
B
13
25
N and P-Channel Enhancement Mode Power MOSFET
Description
The 4622 uses advanced trench technology to provide
excellent RDS(ON) and low gate charge . The complementary
MOSFETs may be used to form a level shifted high side
switch, and for a host of other applications.
General Features
● N-Channel
VDS = 20V,ID =6.4A
RDS(ON) < 23mΩ @ VGS
● P-Channel
VDS = -20V,ID = -6.4A
RDS(ON) < 40mΩ @ VGS
●
High power and current handing capability
●
Lead free product is acquired
●
Surface mount package
N-channel
P-channel
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
SOP-8 Plastic-Encapsulate MOSFETS
4622
RDS(ON) < 30mΩ @ VGS=2.5V
RDS(ON) < 50mΩ @ VGS=-2.5V
Equivalent Cir cuit
MARKING
4622
o
TFCYWP
Y :year code W :week code
SOP-8
=4.5V
=-4.5V
Page
v1.0
1
www.sztuofeng.com


Similar Part No. - 4622

ManufacturerPart #DatasheetDescription
logo
3M Electronics
4622 3M-4622 Datasheet
641Kb / 10P
VHB™ Tapes
Jun-2011
logo
Visual Communications C...
4622 VCC-4622 Datasheet
92Kb / 1P
Relampable Indicator Light
logo
3M Electronics
4622 3M-4622 Datasheet
735Kb / 9P
VHB Tape - Specialty Tapes
Jan-2020
logo
List of Unclassifed Man...
4622 ETC-4622 Datasheet
44Kb / 1P
High Q, high self-resonant frequency
logo
Heyco.
4622 HEYCO-4622 Datasheet
340Kb / 1P
Heyco®-Tite EMC Brass Liquid Tight Cordgrips
More results

Similar Description - 4622

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP2030M ETC-AP2030M Datasheet
112Kb / 11P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP2530GY A-POWER-AP2530GY Datasheet
85Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GSS4503 GTM-GSS4503 Datasheet
557Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4565 GTM-GSS4565 Datasheet
559Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GT2530 GTM-GT2530 Datasheet
390Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP4511GED A-POWER-AP4511GED Datasheet
120Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4506GEM A-POWER-AP4506GEM Datasheet
123Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4501GM A-POWER-AP4501GM Datasheet
212Kb / 8P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4506GEH-HF A-POWER-AP4506GEH-HF Datasheet
116Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
E-Tech Electronics LTD
GT2531 ETL-GT2531 Datasheet
394Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com