Electronic Components Datasheet Search
  English  ▼

X  

4622 Datasheet(PDF) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # 4622
Description  N and P-Channel Enhancement Mode Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

4622 Datasheet(HTML) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

  4622 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co 4622 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co 4622 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co 4622 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co 4622 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co 4622 Datasheet HTML 6Page - Shenzhen Tuofeng Semiconductor Technology Co 4622 Datasheet HTML 7Page - Shenzhen Tuofeng Semiconductor Technology Co 4622 Datasheet HTML 8Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Symbol
Min
Typ
Max
Units
BVDSS
20
V
1
IGSS
100
nA
VGS(th)
0.6
1.25
2
V
ID(ON)
35
A
Ω
gFS
17
S
VSD
0.7
1
V
IS
3
A
Ciss
900
1100
pF
Coss
162
pF
Crss
105
pF
Rg
0.9
1.35
Ω
Qg(10V)
15
18
nC
Qg(4.5V)
7.2
9
nC
Qgs
1.8
nC
Qgd
2.8
nC
tD(on)
4.5
ns
tr
9.2
ns
tD(off)
18.7
ns
tf
3.3
ns
trr
18
ns
Qrr
9.5
nC
N-Channel Electrical Characteristics (TJ=25°C unless otherwise noted)
Parameter
Conditions
STATIC PARAMETERS
Drain-Source Breakdown Voltage
ID=250µA, VGS=0V
IDSS
Zero Gate Voltage Drain Current
VDS=16V, VGS=0V
uA
Gate-Body leakage current
VDS=0V, VGS=±16V
Gate Threshold Voltage
VDS=VGS ID=250µA
On state drain current
VGS=4.5V, VDS=5V
RDS(ON)
Static Drain-Source On-Resistance
VGS=2.5V, ID=4.5A
VGS=4.5V, ID=6.4A
Forward Transconductance
VDS=5V, ID=6.4A
Diode Forward Voltage
IS=1A
Maximum Body-Diode Continuous Current
DYNAMIC PARAMETERS
Input Capacitance
VGS=0V, VDS=10V, f=1MHz
Output Capacitance
Reverse Transfer Capacitance
Gate resistance
VGS=0V, VDS=0V, f=1MHz
SWITCHING PARAMETERS
Total Gate Charge
VGS=10V, VDS=10V, ID=6.5A
Total Gate Charge
Gate Source Charge
Gate Drain Charge
Turn-On DelayTime
VGS=10V, VDS=10V, RL=1.4Ω,
RGEN=3Ω
Turn-On Rise Time
Turn-Off DelayTime
Turn-Off Fall Time
Body Diode Reverse Recovery Time
IF=6.4A, dI/dt=100A/µs
Body Diode Reverse Recovery Charge IF=6.4A, dI/dt=100A/µs
A: The value of R θJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The value
in any given application depends on the user's specific board design.
B: Repetitive rating, pulse width limited by junction temperature.
C. The R θJA is the sum of the thermal impedence from junction to lead R θJL and lead to ambient. RθJL and RθJC are equivalent terms referring to
thermal resistance from junction to drain lead.
D. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The SOA
curve provides a single pulse rating.
F. The current rating is based on the t ≤ 10s thermal resistance rating.
Rev5: Nov 2010
15
23
Ω
m
30
20
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
SOP-8 Plastic-Encapsulate MOSFETS
4622
Page
v1.0
2
www.sztuofeng.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com