Electronic Components Datasheet Search
  English  ▼

X  

PA19 Datasheet(PDF) 4 Page - Cirrus Logic

Part # PA19
Description  VIDEO POWER OPERATIONAL AMPLIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA19 Datasheet(HTML) 4 Page - Cirrus Logic

  PA19 Datasheet HTML 1Page - Cirrus Logic PA19 Datasheet HTML 2Page - Cirrus Logic PA19 Datasheet HTML 3Page - Cirrus Logic PA19 Datasheet HTML 4Page - Cirrus Logic PA19 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
4
OPERATING
CONSIDERATIONS
PA19 • PA19A
simple for resistive loads but more complex for reactive and
EMF generating loads. The following guidelines may save
extensive analytical efforts:
1. Capacitive and inductive loads up to the following maximums
are safe:
±V
S
CAPACITIVE LOAD
INDUCTIVE LOAD
40V
.1µF
11mH
30V
500µF
24mH
20V
2500µF
75mH
15V
∞
100mH
2. Safe short circuit combinations of voltage and current are
limited to a power level of 100W.
3. The output stage is protected against transient flyback.
However, for protection against sustained, high energy
flyback, external fast-recovery diodes should be used.
SUPPLY CURRENT
The PA19 features a class A/B driver stage to charge and
discharge gate capacitance of Q7 and Q19. As these currents
approach 0.5A, the savings of quiescent current over that of a
class A driver stage is considerable. However, supply current
drawn by the PA19, even with no load, varies with slew rate
of the output signal as shown below.
OUTPUT LEADS
Keep the output leads as short as possible. In the video
frequency range, even a few inches of wire have significant
inductances, raising the interconnection impedance and limit-
ing the output current slew rate. Furthermore, the skin effect
increases the resistance of heavy wires at high frequencies.
Multistrand Litz Wire is recommended to carry large video
currents with low losses.
THERMAL SHUTDOWN
The thermal protection circuit shuts off the amplifier when
the substrate temperature exceeds approximately 150°C. This
allows the heatsink selection to be based on normal operating
conditions while protecting the amplifier against excessive
junction temperature during temporary fault conditions.
Thermal protection is a fairly slow-acting circuit and therefore
does not protect the amplifier against transient SOA violations
(areas outside of the steady state boundary). It is designed to
GENERAL
Please read Application Note 1 "General Operating Con-
siderations" which covers stability, supplies, heat sinking,
mounting, current limit, SOA interpretation, and specification
interpretation. Visit www.apexmicrotech.com for design tools
that help automate tasks such as calculations for stability,
internal power dissipation, current limit; heat sink selection;
Apex’s complete Application Notes library; Technical Seminar
Workbook; and Evaluation Kits.
CURRENT LIMIT
Q2 (and Q25) limit output current by turning on and remov-
ing gate drive when voltage on pin 2 (pin 7) exceeds .65V dif-
ferential from the positive (negative) supply rail. With internal
resistors equal to 1.2Ω, current limits are approximately 0.5A
with no external current limit resistors. With the addition of
external resistors current limit will be:
.65V
I
LIM =
+.54A
R
CL
To determine values of external current limit resistors:
.65V
R
CL =
I
CL - .54A
PHASE COMPENSATION
At low gain settings, an external compensation capacitor is
required to insure stability. In addition to the resistive feedback
network, roll off or integrating capacitors must also be consid-
ered when determining gain settings. The capacitance values
listed in the external connection diagram, along with good
high frequency layout practice, will insure stability. Interpolate
values for intermediate gain settings.
SAFE OPERATING AREA (SOA)
The MOSFET output stage of this power operational ampli-
fier has two distinct limitations:
1. The current handling capability of the MOSFET geometry
and the wire bonds.
2. The junction temperature of the output MOSFETs.
The SOA curves combine the effect of these limits and allow
for internal thermal delays. For a given application, the direc-
tion and magnitude of the output current should be calculated
or measured and checked against the SOA curves. This is
���
���
���
���
���
���
���
��
��
��
��
��
��
��
��
��
��
����������������������������������������
����������
������������
���������
���������
�
��������
���
��������������
���
���
���
���
�
��� ���� ���� ��
�� ���
�����������������
�
�����������������
�
��������



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com