Electronic Components Datasheet Search
  English  ▼

X  

PA19 Datasheet(PDF) 5 Page - Cirrus Logic

Part # PA19
Description  VIDEO POWER OPERATIONAL AMPLIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA19 Datasheet(HTML) 5 Page - Cirrus Logic

  PA19 Datasheet HTML 1Page - Cirrus Logic PA19 Datasheet HTML 2Page - Cirrus Logic PA19 Datasheet HTML 3Page - Cirrus Logic PA19 Datasheet HTML 4Page - Cirrus Logic PA19 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
5
This data sheet has been carefully checked and is believed to be reliable, however, no responsibility is assumed for possible inaccuracies or omissions. All specifications are subject to change without notice.
PA19U REV H FEBRUARY 1998 © 1998 Apex Microtechnology Corp.
protect against short-term fault conditions that result in high
power dissipation within the amplifier. If the conditions that
cause thermal shutdown are not removed, the amplifier will
oscillate in and out of shutdown. This will result in high peak
power stresses, destroy signal integrity, and reduce the reli-
ability of the device.
STABILITY
Due to its large bandwidth, the PA19 is more likely to oscil-
late than lower bandwidth power operational amplifiers. To
prevent oscillations a reasonable phrase margin must be
maintained by:
1. Selection of the proper phase compensation capacitor.
Use the values given in the table under external connec-
tions and interpolate if necessary. The phase margin can
be increased by using a larger capacitor at the expense of
slew rate. Total physical length (pins of the PA19, capaci-
tor leads plus printed circuit traces) should be limited to a
maximum of 3.5 inches.
2. Keep the external sumpoint stray capacitance to ground
at a minimum and the sumpoint load resistance (input and
feedback resistors in parallel) below 500Ω. Larger sumpoint
load resistances can be used with increased phase com-
pensation and/or by bypassing the feedback resistor.
3. Connect the case to any AC ground potential.
OPERATING
CONSIDERATIONS
PA19 • PA19A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com