Electronic Components Datasheet Search
  English  ▼

X  

PA19 Datasheet(PDF) 1 Page - Cirrus Logic

Part # PA19
Description  VIDEO POWER OPERATIONAL AMPLIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA19 Datasheet(HTML) 1 Page - Cirrus Logic

  PA19 Datasheet HTML 1Page - Cirrus Logic PA19 Datasheet HTML 2Page - Cirrus Logic PA19 Datasheet HTML 3Page - Cirrus Logic PA19 Datasheet HTML 4Page - Cirrus Logic PA19 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
1
FEATURES
• VERY FAST SLEW RATE — 900 V/µs
• POWER MOS TECHNOLOGY — 4A peak rating
• LOW INTERNAL LOSSES — 2V at 2A
• PROTECTED OUTPUT STAGE — Thermal Shutoff
• WIDE SUPPLY RANGE — ±15V TO ±40V
APPLICATIONS
• VIDEO DISTRIBUTION AND AMPLIFICATION
• HIGH SPEED DEFLECTION CIRCUITS
• POWER TRANSDUCERS UP TO 5 MHz
• MODULATION OF RF POWER STAGES
• POWER LED OR LASER DIODE EXCITATION
DESCRIPTION
The PA19 is a high voltage, high current operational ampli-
fier optimized to drive a variety of loads from DC through the
video frequency range. Excellent input accuracy is achieved
with a dual monolithic FET input transistor which is cascoded
by two high voltage transistors to provide outstanding common
mode characteristics. All internal current and voltage levels
are referenced to a zener diode biased on by a current source.
As a result, the PA19 exhibits superior DC and AC stability
over a wide supply and temperature range.
High speed and freedom from second breakdown is assured
by a complementary power MOS output stage. For optimum
linearity, especially at low levels, the power MOS transistors
are biased in a class A/B mode. Thermal shutoff provides
full protection against overheating and limits the heatsink
requirements to dissipate the internal power losses under
normal operating conditions. A built-in current limit of 0.5A
can be increased with the addition of two external resistors.
Transient inductive load kickback protection is provided by
two internal clamping diodes. External phase compensation
allows the user maximum flexibility in obtaining the optimum
slew rate and gain bandwidth product at all gain settings. A
heatsink of proper rating is recommended.
Thishybridcircuitutilizesthickfilm(cermet)resistors,ceramic
capacitors, and silicon semiconductor chips to maximize reli-
ability, minimize size, and give top performance. Ultrasonically
bonded aluminum wires provide reliable interconnections at all
operating temperatures. The 8-pin TO-3 package is hermeti-
cally sealed and electrically isolated. The use of compressible
thermal washers and/or improper mounting torque will void
the product warranty. Please see “General Operating Con-
siderations”.
���
����
�
�
�
�
�
�
�
�
��
���
���
���
��
����
������������������
��
�����
����
�����
����
����
�
��
���
����
��
����
TYPICAL APPLICATION
This fast power driver utilizes the 900V/µs slew rate of the
PA19 and provides a unique interface with a current output
DAC. By using the DAC’s internal 1KΩ feedback resistor,
temperature drift errors are minimized, since the temperature
drift coefficients of the internal current source and the internal
feedback resistor of the DAC are closely matched. Gain of
V
OUT to IIN is –6.5/mA. The DAC’s internal 1K resistor together
with the external 500Ω and 110Ω form a “tee network” in the
feedback path around the PA19. This effective resistance
equals 6.5KΩ . Therefore the entire circuit can be modeled as
6.5KΩ feedback resistor from output to inverting input and a
5mA current source into the inverting input of the PA19. Now
we see the familiar current to voltage conversion for a DAC
where V
OUT = –IIN x RFEEDBACK.
EQUIVALENT SCHEMATIC
EXTERNAL CONNECTIONS
�
�
�
�
�
�
��
��
��
��
��
���
���
���
��
��
���
����
���
���
�
�
���
���
���
���
���
���
��
��
��
����
���
����
����
������
����
����
��������������������������
���� �����
��������
����
����
����
��
���
TYPICAL
APPLICATION
��������������������������������������������������������������
� � � � � � � � � � � � � � �
����������������������������������
������������
8-PIN TO-3
PACKAGE STYLE CE


Similar Part No. - PA19

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PA1900 RENESAS-PA1900_15 Datasheet
197Kb / 10P
N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1901 RENESAS-PA1901 Datasheet
204Kb / 10P
Old Company Name in Catalogs and Other Documents
PA1901 RENESAS-PA1901_15 Datasheet
204Kb / 10P
N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1902 RENESAS-PA1902_15 Datasheet
266Kb / 8P
N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1911A RENESAS-PA1911A_15 Datasheet
475Kb / 10P
P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results

Similar Description - PA19

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA02 APEX-PA02 Datasheet
262Kb / 4P
POWER OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA34 ETC-PA34 Datasheet
66Kb / 5P
POWER OPERATIONAL AMPLIFIERS
logo
Fairchild Semiconductor
UA759 FAIRCHILD-UA759 Datasheet
489Kb / 12P
POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA09 APEX-PA09 Datasheet
281Kb / 5P
VIDEO POWER OPERATIONAL AMPLIFIERS
PA79 APEX-PA79 Datasheet
310Kb / 4P
POWER OPERATIONAL AMPLIFIERS
PA84 CIRRUS-PA84 Datasheet
210Kb / 5P
Power Operational Amplifiers
PA16 CIRRUS-PA16_09 Datasheet
349Kb / 7P
Power Operational Amplifiers
PA97DR_0912 CIRRUS-PA97DR_0912 Datasheet
582Kb / 6P
Power Operational Amplifiers
PA162 APEX-PA162_10 Datasheet
789Kb / 6P
Power Operational Amplifiers
logo
Analog Devices
HOS-050 AD-HOS-050_15 Datasheet
2Mb / 7P
FAST SETTLING VIDEO OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com