Electronic Components Datasheet Search
  English  ▼

X  

TF2328 Datasheet(PDF) 3 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # TF2328
Description  N-Channel 100-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

TF2328 Datasheet(HTML) 3 Page - Shenzhen Tuofeng Semiconductor Technology Co

  TF2328 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co TF2328 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co TF2328 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co TF2328 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co TF2328 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
50
100
150
200
250
0
20406080
100
0.0
0.5
1.0
1.5
2.0
2.5
–50
–25
0
25
50
75
100
125
150
0
4
8
12
16
20
0123456
0.0
0.1
0.2
0.3
0.4
0.5
0.6
03
69
12
VDS – Drain-to-Source Voltage (V)
Crss
Coss
Ciss
VDS = 10 V
ID = 1.5 A
ID – Drain Current (A)
VGS = 10 V
ID = 1.5 A
VGS = 10 V
Gate Charge
On-Resistance vs. Drain Current
Qg – Total Gate Charge (nC)
Capacitance
On-Resistance vs. Junction Temperature
TJ – Junction Temperature (_C)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.0
0.1
0.2
0.3
0.4
0.5
0.6
02468
10
ID = 1.5 A
10
1
0.01
Source-Drain Diode Forward Voltage
On-Resistance vs. Gate-to-Source Voltage
VSD – Source-to-Drain Voltage (V)
VGS – Gate-to-Source Voltage (V)
0.1
TJ = 150_C
TJ = 25_C
TF2328
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
SOT-23 Plastic-Encapsulate MOSFETS
www.sztuofeng.com
Feb,2018 V1.0
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com