Electronic Components Datasheet Search
  English  ▼

X  

TF2328 Datasheet(PDF) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # TF2328
Description  N-Channel 100-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

TF2328 Datasheet(HTML) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

  TF2328 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co TF2328 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co TF2328 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co TF2328 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co TF2328 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TF2328
N-Channel 100-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
100
0.300 @ VGS = 10 V
1.5
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
5 sec
Steady State
Unit
Drain-Source Voltage
VDS
100
Gate-Source Voltage
VGS
"20
V
_
TA= 25_C
1.5
1.15
Continuous Drain Current (TJ = 150_C)a
ID
Pulsed Drain Currentb
IDM
6
A
Avalanche Currentb
IAS
6
Single Avalanche Energy
L = 0.1 mH
EAS
1.8
mJ
Continuous Source Current (Diode Conduction)a
IS
0.6
A
TA= 25_C
1.25
0.73
Power Dissipationa
PD
W
Operating Junction and Storage Temperature Range
TJ, Tstg
–55 to 150
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
t
v 5 sec
80
100
Maximum Junction-to-Ambienta
Steady State
RthJA
130
170
_C/W
Maximum Junction-to-Foot
Steady State
RthJF
45
55
C/W
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
SOT-23 Plastic-Encapsulate MOSFETS
SOT-23
MARKING
Equivalent Circuit
1.GATE
2.SOURCE
3.DRAIN
*w:week code
w
1
2
3
D82TF
General FEATURE
APPLICATION
●
Load Switch for Portable Devices
●
DC/DC Converter
●
TrenchFET Power MOSFET
●
Lead free product is acquired
●
Surface mount package
TF2328
www.sztuofeng.com
Feb,2018 V1.0
1


Similar Part No. - TF2328

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
TF2320HU TDK-TF2320HU Datasheet
760Kb / 27P
Common Mode Choke Coils Line Filters for AC Power Supply Toroidal Core Type
TF2320HU-102Y2R0-01 TDK-TF2320HU-102Y2R0-01 Datasheet
760Kb / 27P
Common Mode Choke Coils Line Filters for AC Power Supply Toroidal Core Type
TF2320HU-102Y5R0-01 TDK-TF2320HU-102Y5R0-01 Datasheet
760Kb / 27P
Common Mode Choke Coils Line Filters for AC Power Supply Toroidal Core Type
TF2320HU-302Y3R0-01 TDK-TF2320HU-302Y3R0-01 Datasheet
760Kb / 27P
Common Mode Choke Coils Line Filters for AC Power Supply Toroidal Core Type
TF2320HU-502Y2R0-01 TDK-TF2320HU-502Y2R0-01 Datasheet
760Kb / 27P
Common Mode Choke Coils Line Filters for AC Power Supply Toroidal Core Type
More results

Similar Description - TF2328

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
N-Channel 100-V (D-S) MOSFET
25-Dec-01
logo
Guangdong Kexin Industr...
KI2328DS KEXIN-KI2328DS Datasheet
51Kb / 2P
N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SI4102DY VISHAY-SI4102DY Datasheet
209Kb / 4P
N-Channel 100-V (D-S) MOSFET
08-Oct-07
SI7454DP VISHAY-SI7454DP_06 Datasheet
196Kb / 4P
N-Channel 100-V (D-S) MOSFET
13-Feb-06
SI7456DDP VISHAY-SI7456DDP Datasheet
482Kb / 13P
N-Channel 100 V (D-S) MOSFET
21-May-12
logo
Analog Power
AM4490NE ANALOGPOWER-AM4490NE Datasheet
364Kb / 5P
N-Channel 100-V (D-S) MOSFET
AM90N10-23P ANALOGPOWER-AM90N10-23P Datasheet
129Kb / 3P
N-Channel 100-V (D-S) MOSFET
AM7412N ANALOGPOWER-AM7412N Datasheet
99Kb / 3P
N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SI4190DY-T1-GE3 VISHAY-SI4190DY-T1-GE3 Datasheet
271Kb / 10P
N-Channel 100 V (D-S) MOSFET
22-Nov-10
SIR876DP VISHAY-SIR876DP Datasheet
191Kb / 9P
N-Channel 100 V (D-S) MOSFET
22-Nov-10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com