Electronic Components Datasheet Search
  English  ▼

X  

TF2328 Datasheet(PDF) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # TF2328
Description  N-Channel 100-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

TF2328 Datasheet(HTML) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

  TF2328 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co TF2328 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co TF2328 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co TF2328 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co TF2328 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPECIFICATIONS (TA = 25_C UNLESS OTHERWISE NOTED)
Limits
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250uA
100
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
1.3
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
VDS = 80 V, VGS = 0 V
200
Zero Gate Voltage Drain Current
IDSS
On-State Drain Currenta
ID(on)
VDS w 15 V, VGS = 10 V
6
A
Drain-Source On-Resistancea
rDS(on)
VGS = 10 V, ID = 1.5 A
0.300
W
Forward Transconductancea
gfs
VDS = 15 V, ID = 1.5 A
4
S
Diode Forward Voltage
VSD
IS = 1.0 A, VGS = 0 V
0.8
1.2
V
Dynamicb
Total Gate Charge
Qg
3.3
4.0
Gate-Source Charge
Qgs
VDS = 50 V, VGS = 10 V, ID = 1.5 A
0.47
nC
Gate-Drain Charge
Qgd
1.45
Switching
Turn-On Delay Time
td(on)
7
11
Rise Time
tr
VDD = 50 V, RL = 33 W
11
17
Turn-Off Delay Time
td(off)
VDD = 50 V, RL = 33 W
ID ^ 0.2 A, VGEN = 10 V, RG = 6 W
9
15
ns
Fall-Time
tf
10
15
Source-Drain Reverse Recovery Time
trr
IF = 1.5 A, di/dt = 100 A/ms
50
100
ns
Notes
a.
Pulse test: PW
v300 ms duty cycle v2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
3
6
9
12
02
46
8
0
3
6
9
12
02468
10
VGS = 10, 9, 8 V
TC = 125_C
–55
_C
6 V
25
_C
Output Characteristics
Transfer Characteristics
VDS – Drain-to-Source Voltage (V)
VGS – Gate-to-Source Voltage (V)
5 V
4 V
7 V
3, 2, 1 V
nA
2.5
0.250
TF2328
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
SOT-23 Plastic-Encapsulate MOSFETS
www.sztuofeng.com
Feb,2018 V1.0
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com