Electronic Components Datasheet Search
  English  ▼

X  

6604 Datasheet(PDF) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # 6604
Description  N and P-Channel Enhancement Mode Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

6604 Datasheet(HTML) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

  6604 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co 6604 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co 6604 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co 6604 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co 6604 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co 6604 Datasheet HTML 6Page - Shenzhen Tuofeng Semiconductor Technology Co 6604 Datasheet HTML 7Page - Shenzhen Tuofeng Semiconductor Technology Co 6604 Datasheet HTML 8Page - Shenzhen Tuofeng Semiconductor Technology Co 6604 Datasheet HTML 9Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
6604
20V Complementary MOSFET
N-Channel
P-Channel
VDS= 20V
-20V
ID= 3.4A (VGS=4.5V)
-2.5A (VGS=-4.5V)
RDS(ON)
RDS(ON)
< 65m
(VGS=4.5V)
< 75m
(VGS=-4.5V)
< 75m
(VGS=2.5V)
< 105m
(VGS =-2.5V)
< 100m
(VGS=1.8V)
< 180m
(VGS=-1.8V)
G2
D2
S2
G1
D1
S1
n-channel
p-channel
S2
S1
G2
G1
D2
D1
1
2
3
4
5
6
Symbol
VDS
VGS
IDM
TJ, TSTG
Symbol
t
≤ 10s
Steady-State
Steady-State
RθJL
-20
Drain-Source Voltage
20
V
Units
Parameter
°C/W
RθJA
78
-13
Units
110
13
W
°C
A
-2.5
3.4
1.1
1.1
-55 to 150
Parameter
Typ
Max
Absolute Maximum Ratings T =25°C unless otherwise noted
Max n-channel
Max p-channel
Gate-Source Voltage
±8
V
Thermal Characteristics
±8
Junction and Storage Temperature Range
Maximum Junction-to-Lead
°C/W
°C/W
Maximum Junction-to-Ambient
A D
64
TA=25°C
Continuous Drain
Current
TA=25°C
ID
80
106
150
Power Dissipation
B
PD
Pulsed Drain Current
C
Maximum Junction-to-Ambient
A
G2
D2
S2
G1
D1
S1
n-channel
p-channel
S2
S1
G2
G1
D2
D1
1
2
3
4
5
6
Product Summary
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
SOT-23-6L
Equivalent Cir cuit
MARKING
F4YW
Y :year code W :week code
High power and current handing capability
Lead free product is acquired
Surface mount package
FEATURE
www.sztuofeng.com
1
Jan 2019 V1.1
N and P-Channel Enhancement Mode Power MOSFET


Similar Part No. - 6604

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
6604 FILTRONIC-6604 Datasheet
148Kb / 3P
PHASE SHIFTER DC TO 2, 4 AND 8 GHZ, COAXIAL HIGH POWER
logo
API Technologies Corp
6604 APITECH-6604 Datasheet
175Kb / 3P
PHASE SHIFTER DC TO 2, 4 AND 8 GHz, COAXIAL HIGH POWER
logo
List of Unclassifed Man...
66040 ETC2-66040 Datasheet
40Kb / 2P
STATFREE MATERIAL, DISSIPATIVE, RUBBER, 2-LAYER, 0.060 (1.5mm)
logo
Turck, Inc.
6604094 TURCK-6604094 Datasheet
152Kb / 1P
piconet Accessories
2023-07-21
logo
List of Unclassifed Man...
66045 ETC2-66045 Datasheet
40Kb / 2P
STATFREE MATERIAL, DISSIPATIVE, RUBBER, 2-LAYER, 0.060 (1.5mm)
More results

Similar Description - 6604

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP2030M ETC-AP2030M Datasheet
112Kb / 11P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP2530GY A-POWER-AP2530GY Datasheet
85Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GSS4503 GTM-GSS4503 Datasheet
557Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4565 GTM-GSS4565 Datasheet
559Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GT2530 GTM-GT2530 Datasheet
390Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP4511GED A-POWER-AP4511GED Datasheet
120Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4506GEM A-POWER-AP4506GEM Datasheet
123Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4501GM A-POWER-AP4501GM Datasheet
212Kb / 8P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4506GEH-HF A-POWER-AP4506GEH-HF Datasheet
116Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
E-Tech Electronics LTD
GT2531 ETL-GT2531 Datasheet
394Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com