Electronic Components Datasheet Search
  English  ▼

X  

DS15MB200 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS15MB200
Description  Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS15MB200 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DS15MB200 Datasheet HTML 1Page - National Semiconductor (TI) DS15MB200 Datasheet HTML 2Page - National Semiconductor (TI) DS15MB200 Datasheet HTML 3Page - National Semiconductor (TI) DS15MB200 Datasheet HTML 4Page - National Semiconductor (TI) DS15MB200 Datasheet HTML 5Page - National Semiconductor (TI) DS15MB200 Datasheet HTML 6Page - National Semiconductor (TI) DS15MB200 Datasheet HTML 7Page - National Semiconductor (TI) DS15MB200 Datasheet HTML 8Page - National Semiconductor (TI) DS15MB200 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Output Characteristics
The output characteristics of the DS15MB200 have been
optimized for point-to-point backplane and cable applica-
tions, and are not intended for multipoint or multidrop signal-
ing.
A 100
Ω output (source) termination resistor is incorporated
in the device to eliminate the need for an external resistor,
providing excellent drive characteristics by locating the
source termination as close to the output as physically pos-
sible.
Pre-Emphasis Controls
The pre-emphasis is used to compensate for long or lossy
transmission media. Separate pins are provided for each
output to minimize power consumption. Pre-emphasis is
programmable to be off or on per the Pre-emphasis Control
Table.
PREx_n (Note 4)
Output Pre-emphasis
00%
1
100%
Note 4: Applies to PREA_0, PREA_1, PREB_0, PREB_1, PREL_0,
PREL_1
Multiplexer Truth Table (Note 5)
Data Inputs
Control Inputs
Output
SIA_0
SIB_0
MUX_S0
ENL_0
LO_0
X
valid
0
1
SIB_0
valid
X
1
1
SIA_0
XX
X
0
Z
X = Don’t Care
Z = High Impedance (TRI-STATE)
Repeater/Buffer Truth Table (Note 5)
Data
Input
Control Inputs
Outputs
LI_0
ENA_0
ENB_0
SOA_0
SOB_0
X0
0
Z
Z
valid
0
1
Z
LI_0
valid
1
0
LI_0
Z
valid
1
1
LI_0
LI_0
X = Don’t Care
Z = High Impedance (TRI-STATE)
Note 5: Same functionality for channel 1
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com