Electronic Components Datasheet Search
  English  ▼

X  

HAL115 Datasheet(PDF) 7 Page - Micronas

Part # HAL115
Description  Hall Effect Sensor Family
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL115 Datasheet(HTML) 7 Page - Micronas

Back Button HAL115 Datasheet HTML 3Page - Micronas HAL115 Datasheet HTML 4Page - Micronas HAL115 Datasheet HTML 5Page - Micronas HAL115 Datasheet HTML 6Page - Micronas HAL115 Datasheet HTML 7Page - Micronas HAL115 Datasheet HTML 8Page - Micronas HAL115 Datasheet HTML 9Page - Micronas HAL115 Datasheet HTML 10Page - Micronas HAL115 Datasheet HTML 11Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
HAL11x
7
Micronas
3.6. Electrical Characteristics at TJ = –40 °C to +140 °C , VDD = 4.5 V to 24 V, as not otherwise specified in Conditions
Typical Characteristics for TJ = 25 °C and VDD = 12 V
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
Conditions
IDD
Supply Current
1
6
8.2
11
mA
TJ = 25 °C
IDD
Supply Current over
Temperature Range
1
3.9
8.2
12
mA
VOL
Output Voltage over
Temperature Range
3
–
120
400
mV
IOL = 12.5 mA
VOL
Output Voltage over
Temperature Range
3
–
190
500
mV
IOL = 20 mA
IOH
Output Leakage Current
3
–
0.06
1
µA
B < Boff,
TJ = 25 °C, VOH = 0 to 24 V
IOH
Output Leakage Current over
Temperature Range
3
–
–
10
µA
B < Boff,
VOH = 0 to 24 V
ten(O)
Enable Time of Output after
Setting of VDD
1
–
6
10
µs
VDD = 12 V
B > BON + 2 mT or
B < BOFF – 2 mT
tr
Output Rise Time
3
–
0.08
0.4
µs
VDD = 12 V, RL = 820 Ohm,
CL = 20 pF
tf
Output Fall Time
3
–
0.06
0.4
µs
VDD = 12 V, RL = 820 Ohm,
CL = 20 pF
RthJSB
case
SOT-89A
SOT-89B
Thermal Resistance Junction
to Substrate Backside
–
–
150
200
K/W
Fiberglass Substrate
30 mm x 10 mm x 1.5mm,
pad size see Fig. 3–4
RthJA
case
TO-92UA
Thermal Resistance Junction
to Soldering Point
–
–
150
200
K/W
Fig. 3–4: Recommended pad size SOT-89x
Dimensions in mm
5.0
2.0
2.0
1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com