Electronic Components Datasheet Search
  English  ▼

X  

HAL115 Datasheet(PDF) 13 Page - Micronas

Part # HAL115
Description  Hall Effect Sensor Family
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL115 Datasheet(HTML) 13 Page - Micronas

Back Button HAL115 Datasheet HTML 9Page - Micronas HAL115 Datasheet HTML 10Page - Micronas HAL115 Datasheet HTML 11Page - Micronas HAL115 Datasheet HTML 12Page - Micronas HAL115 Datasheet HTML 13Page - Micronas HAL115 Datasheet HTML 14Page - Micronas HAL115 Datasheet HTML 15Page - Micronas HAL115 Datasheet HTML 16Page - Micronas HAL115 Datasheet HTML 17Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
HAL115
13
Micronas
–6
–4
–2
0
2
4
6
–50
0
50
100
150
BOFF
mT
TA
BON,
BOFF
°C
BON
VDD = 12 V
HAL 115
Fig. 4–6:Typical magnetic switching
points versus ambient temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com