Electronic Components Datasheet Search
  English  ▼

X  

HAL115 Datasheet(PDF) 8 Page - Micronas

Part # HAL115
Description  Hall Effect Sensor Family
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL115 Datasheet(HTML) 8 Page - Micronas

Back Button HAL115 Datasheet HTML 4Page - Micronas HAL115 Datasheet HTML 5Page - Micronas HAL115 Datasheet HTML 6Page - Micronas HAL115 Datasheet HTML 7Page - Micronas HAL115 Datasheet HTML 8Page - Micronas HAL115 Datasheet HTML 9Page - Micronas HAL115 Datasheet HTML 10Page - Micronas HAL115 Datasheet HTML 11Page - Micronas HAL115 Datasheet HTML 12Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
HAL11x
8
Micronas
3.7. Magnetic Characteristics at TJ = –40 °C to +140 °C, VDD = 4.5 V to 24 V,
Typical Characteristics for VDD = 12 V
Magnetic flux density values of switching points.
Positive flux density values refer to the magnetic south pole at the branded side of the package.
Sensor
Parameter
On point BON
Off point BOFF
Hysteresis BHYS
Unit
Switching type
TJ
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
HAL 114
–40
°C
7.5
21.5
36
4.3
17.4
33.2
2.8
4.1
5
mT
unipolar
25
°C
7
21.1
34
4
17.1
31.2
2.8
4
4.5
mT
140
°C
6.1
19.4
31.3
3.6
16.1
28.8
2.2
3.3
4
mT
HAL 115
–40
°C
–10.7
1.4
12.5
–12.5
–1.4
10.7
1.8
2.8
7
mT
bipolar
25
°C
–10.7
1.2
12.5
–12.5
–1.2
10.7
1.8
2.4
7
mT
140
°C
–10.7
0.9
12.5
–12.5
–0.9
10.7
1
1.8
7
mT
Note: For detailed descriptions of the individual types, see pages 10 and following.
The magnetic limits given above refer to parts in the original packaging. Mechanical stress on the hall sensitive areas
on the chip surface may generate an additional magnetic offset, which can slightly change the magnetic switching
points. This behavior is a physical phenomenon and not a malfunction of the sensor. Mechanical stress on the hall plates
can be caused, for example, by overmoulding the plastic package or by wide range temperature changes like soldering
or operating the parts at extreme temperatures.
Please use a sensor of the HAL 5xx family if higher robustness against mechanical stress is required.
–15
–10
–5
0
5
10
15
–15 –10 –5
0
5
1015202530 V
mA
VDD
IDD
Fig. 3–5: Typical supply current
versus supply voltage
TA = –40 °C
TA = 25 °C
TA = 140 °C
HAL 11x
0
2
4
6
8
10
12
0
12345
6 V
mA
VDD
IDD
Fig. 3–6: Typical supply current
versus supply voltage
TA = –40 °C
TA = 25 °C
TA = 140 °C
HAL 11x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com