Electronic Components Datasheet Search
  English  ▼

X  

VSC8540RT Datasheet(PDF) 20 Page - Microchip Technology

Part # VSC8540RT
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540RT Datasheet(HTML) 20 Page - Microchip Technology

Back Button VSC8540RT Datasheet HTML 16Page - Microchip Technology VSC8540RT Datasheet HTML 17Page - Microchip Technology VSC8540RT Datasheet HTML 18Page - Microchip Technology VSC8540RT Datasheet HTML 19Page - Microchip Technology VSC8540RT Datasheet HTML 20Page - Microchip Technology VSC8540RT Datasheet HTML 21Page - Microchip Technology VSC8540RT Datasheet HTML 22Page - Microchip Technology VSC8540RT Datasheet HTML 23Page - Microchip Technology VSC8540RT Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 87 page
background image
VSC8540RT
DS60001603E-page 20
2022 Microchip Technology Inc. and its subsidiaries
• 0.12—Enable autonegotiation
• 0.8—Duplex
• 23.12:11—MAC interface selection
• 19E1.3:2—Force MDI crossover
• 20E2.6:4—RX_CLK delay
• 20E2.2:0—TX_CLK delay
Additionally, the following registers are set to 1 by default in unmanaged mode.
• 28.6—ActiPHY enable
5.3.3.1
Signals A and B
Signals A and B are used to set the RGMII RX_CLK and TX_CLK delay settings (as defined in register 20E2), as per
the following table.
5.3.3.2
Signals C and D
Signals C and D are used to select the link advertisement settings, as defined in the following table.
5.3.3.3
Signal E
Signal E is used to select between RMII and RGMII MAC interface modes. When the state of Signal E is latched to logic
0 on the rising edge of reset, the device operates in RGMII mode. When the state of Signal E is latched to logic 1 on the
rising edge of reset, the device operates in RMII mode.
Note:
RMII only supports 10/100 Mbps speeds. When RMII mode is selected, the link advertisement selection
must also be changed to either 01, 10, or 11 settings, as defined in Table 5-9.
Note:
Correct configuration of the device is an end user responsibility, and no attempt is made in the device to
disallow incorrect configurations.
Additionally, in unmanaged mode, the following settings are changed from their default values:
• Enable ActiPHY (register 28.6 set to 1)
5.3.3.4
PHY Address Bit 0/1 Selection in Unmanaged Mode
The RXD4 and RXD5 pins can be pulled LOW or HIGH to set the bit 0 and bit 1 of the device PHY address. The upper
3 bits of the PHY address are always set to 0, and the lower 2 bits can be set to one of 4 possible combinations through
this external strapping option to provide a total of 4 PHY addresses in unmanaged operation.
5.3.4
MII OR RGMII/RMII MAC INTERFACE MODE
When MII_TXCLK pin is pulled LOW and the state of that signal is latched to logic 0 on the rising edge of reset, the
device operates in a RGMII mode. When MII_TXCLK pin is pulled HIGH and the state of that signal is latched to logic
1 on the rising edge of reset, the device operates in MII mode. This signal is bonded out to a package pin.
Note:
If unmanaged mode is selected and Signal E is latched as a logic 1 (indicating RMII mode), the device will
default to RMII mode regardless of the latched state of the MII_TXCLK.
TABLE 5-8:
SIGNALS A AND B
Signals A, B
RX_CLK and TX_CLK Delay Setting
0, 0
000 - 0.2 ns
0, 1
010 - 1.1 ns
1, 0
100 - 2.0 ns
1, 1
110 - 2.6 ns
TABLE 5-9:
SIGNALS C AND D
Signals C, D
Link Advertisement
0, 0/1
Default mode of operation, 10/100 FDX/HDX, autoneg ON
1, 0
100BTX, HDX forced mode, autoneg OFF
1, 1
10BT, HDX forced mode, autoneg OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com