Electronic Components Datasheet Search
  English  ▼

X  

VSC8540RT Datasheet(PDF) 34 Page - Microchip Technology

Part # VSC8540RT
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540RT Datasheet(HTML) 34 Page - Microchip Technology

Back Button VSC8540RT Datasheet HTML 30Page - Microchip Technology VSC8540RT Datasheet HTML 31Page - Microchip Technology VSC8540RT Datasheet HTML 32Page - Microchip Technology VSC8540RT Datasheet HTML 33Page - Microchip Technology VSC8540RT Datasheet HTML 34Page - Microchip Technology VSC8540RT Datasheet HTML 35Page - Microchip Technology VSC8540RT Datasheet HTML 36Page - Microchip Technology VSC8540RT Datasheet HTML 37Page - Microchip Technology VSC8540RT Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 87 page
background image
VSC8540RT
DS60001603E-page 34
2022 Microchip Technology Inc. and its subsidiaries
When the EPG is enabled, packet loss occurs during transmission of packets from the MAC to the PHY. However, the
PHY receive output pins to the MAC are still active when the EPG is enabled. When it is necessary to disable the MAC
receive pins as well, set the register bit 0.10 to 1.
When the device register bit 29E1.14 is set to 1, the PHY begins transmitting Ethernet packets based on the settings in
registers 29E1 and 30E1. These registers set:
• Source and destination addresses for each packet
• Packet size
• Interpacket gap
• FCS state
• Transmit duration
• Payload pattern
When register bit 29E1.13 is set to 0, register bit 29E1.14 is cleared automatically after 30,000,000 packets are trans-
mitted.
5.17.2
FAR-END LOOPBACK
The far-end loopback testing feature is enabled by setting register bit 23.3 to 1. When enabled, it forces incoming data
from a link partner on the media interface into the MAC interface of the PHY where it is retransmitted back to the link
partner on the media interface, as shown in the following illustration. In addition, the incoming data also appears on the
receive data pins of the MAC interface. Data present on the transmit data pins of the MAC interface is ignored when
using this testing feature.
FIGURE 5-17:
FAR-END LOOPBACK DIAGRAM
5.17.3
NEAR-END LOOPBACK
When the near-end loopback testing feature is enabled, transmitted data (TXD) is looped back in the PCS block onto
the receive data signals (RXD), as shown in the following illustration. When using this testing feature, no data is trans-
mitted over the network. To enable near-end loopback, set the device register bit 0.14 to 1.
FIGURE 5-18:
NEAR-END LOOPBACK DIAGRAM
5.17.4
CONNECTOR LOOPBACK
The connector loopback testing feature allows the twisted pair interface to be looped back externally. When using this
feature, the PHY must be connected to a loopback connector or a loopback cable. Connect pair A to pair B, as shown
in the following illustration. The connector loopback feature functions at all available interface speeds.
FIGURE 5-19:
CONNECTOR LOOPBACK DIAGRAM
Link Partner
TXD
RXD
MAC
PHY_port_
n
TX
RX
Link Partner
TXD
RXD
MAC
PHY_port_
n
TX
RX
TXD
RXD
MAC
PHY_port_
n
Cat5
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com