Electronic Components Datasheet Search
  English  ▼

X  

VSC8540RT Datasheet(PDF) 61 Page - Microchip Technology

Part # VSC8540RT
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540RT Datasheet(HTML) 61 Page - Microchip Technology

Back Button VSC8540RT Datasheet HTML 57Page - Microchip Technology VSC8540RT Datasheet HTML 58Page - Microchip Technology VSC8540RT Datasheet HTML 59Page - Microchip Technology VSC8540RT Datasheet HTML 60Page - Microchip Technology VSC8540RT Datasheet HTML 61Page - Microchip Technology VSC8540RT Datasheet HTML 62Page - Microchip Technology VSC8540RT Datasheet HTML 63Page - Microchip Technology VSC8540RT Datasheet HTML 64Page - Microchip Technology VSC8540RT Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 87 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS60001603E-page 61
VSC8540RT
6.6.1
PMA/PMD STATUS 1
The following table shows the bit descriptions for the PMA/PMD Status 1 register.
6.6.2
PCS STATUS 1
The bits in the PCS Status 1 register provide a status of the EEE operation from the PCS for the link that is currently
active.
6.6.3
EEE CAPABILITY
This register is used to indicate the capability of the PCS to support EEE functions for each PHY type. The following
table shows the bit assignments for the EEE capability register.
7.60
EEE advertisement
7.61
EEE link partner advertisement
TABLE 6-55:
PMA/PMD STATUS 1
Bit
Name
Access
Description
15:3
Reserved
RO
Reserved.
2
PMD/PMA receive link status
RO/LL
1: PMA/PMD receive link up.
0: PMA/PMD receive link down.
1:0
Reserved
RO
Reserved.
TABLE 6-56:
PCS STATUS 1, ADDRESS 3.1
Bit
Name
Access
Description
15:12 Reserved
RO
Reserved.
11
Tx LPI received
RO/LH
1: Tx PCS has received LPI.
0: LPI not received.
10
Rx LPI received
RO/LH
1: Rx PCS has received LPI.
0: LPI not received.
9
Tx LPI indication
RO
1: Tx PCS is currently receiving LPI.
0: PCS is not currently receiving LPI.
8
Rx LPI indication
RO
1: Rx PCS is currently receiving LPI.
0: PCS is not currently receiving LPI.
7:3
Reserved
RO
Reserved.
2
PCS receive link status RO/LL
1: PCS receive link up.
0: PCS receive link down.
1:0
Reserved
RO
Reserved.
TABLE 6-57:
EEE CAPABILITY, ADDRESS 3.20
Bit
Name
Access
Description
15:2 Reserved
RO
Reserved.
1
100BASE-TX EEE
RO
1: EEE is supported for 100BASE-TX.
0: EEE is not supported for
100BASE-TX.
0
Reserved
RO
Reserved.
TABLE 6-54:
CLAUSE 45 REGISTERS PAGE SPACE (CONTINUED)
Address
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com