Electronic Components Datasheet Search
  English  ▼

X  

ADUM6402 Datasheet(PDF) 13 Page - Analog Devices

Part # ADUM6402
Description  Quad-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM6402 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADUM6402 Datasheet HTML 9Page - Analog Devices ADUM6402 Datasheet HTML 10Page - Analog Devices ADUM6402 Datasheet HTML 11Page - Analog Devices ADUM6402 Datasheet HTML 12Page - Analog Devices ADUM6402 Datasheet HTML 13Page - Analog Devices ADUM6402 Datasheet HTML 14Page - Analog Devices ADUM6402 Datasheet HTML 15Page - Analog Devices ADUM6402 Datasheet HTML 16Page - Analog Devices ADUM6402 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Data Sheet
ADuM6400/ADuM6401/ADuM6402/ADuM6403/ADuM6404
Rev. B | Page 13 of 28
VDD1 1
GND1 2
VIA 3
VIB 4
VISO
16
GNDISO
15
VOA
14
VOB
13
VIC 5
VOC
12
VOD 6
VID
11
VDDL 7
VSEL
10
GND1 8
GNDISO
9
ADuM6401
TOP VIEW
(Not to Scale)
Figure 9. ADuM6401 Pin Configuration
Table 22. ADuM6401 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VDD1
Primary Supply Voltage, 3.0 V to 5.5 V. Pin 1 and Pin 7 must be connected to the same external voltage source.
2, 8
GND1
Ground Reference for the Primary Side of the Isolator. Pin 2 and Pin 8 are internally connected to each other,
and it is recommended that both pins be connected to a common ground.
3
VIA
Logic Input A.
4
VIB
Logic Input B.
5
VIC
Logic Input C.
6
VOD
Logic Output D.
7
VDDL
Data Channel Supply Voltage, 3.0 V to 5.5 V. Pin 1 and Pin 7 must be connected to the same external voltage
source.
9, 15
GNDISO
Ground Reference for the Secondary Side of the Isolator. Pin 9 and Pin 15 are internally connected to each
other, and it is recommended that both pins be connected to a common ground.
10
VSEL
Output Voltage Selection. When VSEL = VISO, the VISO setpoint is 5.0 V. When VSEL = GNDISO, the VISO setpoint is 3.3 V.
11
VID
Logic Input D.
12
VOC
Logic Output C.
13
VOB
Logic Output B.
14
VOA
Logic Output A.
16
VISO
Secondary Supply Voltage Output for External Loads: 3.3 V (VSEL = GNDISO) or 5.0 V (VSEL = VISO).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com