Electronic Components Datasheet Search
  English  ▼

X  

ADUM6402 Datasheet(PDF) 21 Page - Analog Devices

Part # ADUM6402
Description  Quad-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM6402 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADUM6402 Datasheet HTML 17Page - Analog Devices ADUM6402 Datasheet HTML 18Page - Analog Devices ADUM6402 Datasheet HTML 19Page - Analog Devices ADUM6402 Datasheet HTML 20Page - Analog Devices ADUM6402 Datasheet HTML 21Page - Analog Devices ADUM6402 Datasheet HTML 22Page - Analog Devices ADUM6402 Datasheet HTML 23Page - Analog Devices ADUM6402 Datasheet HTML 24Page - Analog Devices ADUM6402 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Data Sheet
ADuM6400/ADuM6401/ADuM6402/ADuM6403/ADuM6404
Rev. B | Page 21 of 28
APPLICATIONS INFORMATION
The dc-to-dc converter section of the ADuM640x works on
principles that are common to most switching power supplies.
It has a secondary side controller architecture with isolated
pulse-width modulation (PWM) feedback. VDD1 power is
supplied to an oscillating circuit that switches current into a
chip scale air core transformer. Power transferred to the
secondary side is rectified and regulated to either 3.3 V or 5 V.
The secondary (VISO) side controller regulates the output by
creating a PWM control signal that is sent to the primary (VDD1)
side by a dedicated iCoupler data channel. The PWM modulates
the oscillator circuit to control the power being sent to the
secondary side. Feedback allows for significantly higher power
and efficiency.
The ADuM640x implements undervoltage lockout (UVLO)
with hysteresis on the VDD1 power input. This feature ensures
that the converter does not enter oscillation due to noisy input
power or slow power-on ramp rates.
A minimum load current of 10 mA is recommended to ensure
optimum load regulation. Smaller loads can generate excess noise
on chip due to short or erratic PWM pulses. Excess noise that is
generated in this way can cause data corruption, in some cases.
PCB LAYOUT
The ADuM640x digital isolators with 0.4 W isoPower integrated
dc-to-dc converter require no external interface circuitry for
the logic interfaces. Power supply bypassing is required at the
input and output supply pins (see Figure 27). Note that low ESR
bypass capacitors are required between Pin 1 and Pin 2 and
between Pin 15 and Pin 16, as close to the chip pads as possible.
The power supply section of the ADuM640x uses a 180 MHz
oscillator frequency to pass power efficiently through its chip
scale transformers. In addition, the normal operation of the data
section of the iCoupler introduces switching transients on the
power supply pins. Bypass capacitors are required for several
operating frequencies. Noise suppression requires a low induc-
tance, high frequency capacitor, whereas ripple suppression
and proper regulation require a large value capacitor. These
capacitors are most conveniently connected between Pin 1 and
Pin 2 for VDD1, and between Pin 15 and Pin 16 for VISO.
The ADuM640x is optimized to run with an output capacitance of
10 μF to 33 μF. Higher total load capacitance is not recommended.
To suppress noise and reduce ripple, a parallel combination of
at least two capacitors is required. The recommended value for
the smaller capacitor is 0.1 μF with low ESR. For example, the
use of a ceramic capacitor is advised. The larger capacitor can
be of a lower frequency type and accounts for the remaining
capacitance required to control ripple.
The total lead length between the ends of the low ESR capacitor
and the input power supply pin must not exceed 2 mm. Installing
the bypass capacitor with traces more than 2 mm in length may
result in data corruption. Consider bypassing between Pin 1
and Pin 8 and between Pin 9 and Pin 16 unless both common
ground pins are connected together close to the package.
VDD1
GND1
VISO
GNDISO
VIA/VOA
VIB/VOB
VIC/VOC
VDDL
VID/VOD
VIA/VOA
VIB/VOB
VIC/VOC
VID/VOD
VSEL
GND1
BYPASS < 2mm
GNDISO
Figure 27. Recommended PCB Layout
In applications involving high common-mode transients, ensure
that board coupling across the isolation barrier is minimized.
Furthermore, design the board layout such that any coupling that
does occur affects all pins equally on a given component side.
Failure to ensure this can cause voltage differentials between
pins exceeding the absolute maximum ratings for the device
as specified in Table 19, thereby leading to latch-up and/or
permanent damage.
The ADuM640x is a power device that dissipates approximately
1 W of power when fully loaded and running at maximum speed.
Because it is not possible to apply a heat sink to an isolation
device, the device primarily depends on heat dissipation into
the PCB through the GND pins. If the device is used at high
ambient temperatures, provide a thermal path from the GND
pins to the PCB ground plane. The board layout in Figure 27
shows enlarged pads for Pin 8 (GND1) and Pin 9 (GNDISO).
Multiple vias should be implemented from the pad to the ground
plane to significantly reduce the temperature inside the chip.
The dimensions of the expanded pads are at the discretion of
the designer and depend on the available board space.
START-UP BEHAVIOR
The ADuM640x devices do not contain a soft start circuit.
Therefore, the start-up current and voltage behavior must be
taken into account when designing with this device.
When power is applied to VDD1, the input switching circuit begins
to operate and draw current when the UVLO minimum voltage
is reached. The switching circuit drives the maximum available
power to the output until it reaches the regulation voltage
where PWM control begins. The amount of current and the
time required to reach regulation voltage depends on the load
and the VDD1 slew rate.
With a fast VDD1 slew rate (200 μs or less), the peak current draws
up to 100 mA/V of VDD1. The input voltage goes high faster than
the output can turn on, so the peak current is proportional to
the maximum input voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com