Electronic Components Datasheet Search
  English  ▼

X  

LTM2882 Datasheet(PDF) 4 Page - Analog Devices

Part # LTM2882
Description  7.5kVRMS SPI/Digital or I2C 關Module Isolator with Transformer Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2882 Datasheet(HTML) 4 Page - Analog Devices

  LTM2882 Datasheet HTML 1Page - Analog Devices LTM2882 Datasheet HTML 2Page - Analog Devices LTM2882 Datasheet HTML 3Page - Analog Devices LTM2882 Datasheet HTML 4Page - Analog Devices LTM2882 Datasheet HTML 5Page - Analog Devices LTM2882 Datasheet HTML 6Page - Analog Devices LTM2882 Datasheet HTML 7Page - Analog Devices LTM2882 Datasheet HTML 8Page - Analog Devices LTM2882 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LTM2810
4
Rev. A
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
SWITCHING CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
I2C – SCL, SCL2, SDA, SDA2 (LTM2810-I) (VL = VL or VL2)
VITH
Input Threshold Voltage
3V ≤ VL ≤ 5.5V
l
0.3 • VL
0.7 • VL
V
VHYS
Input Hysteresis
3V ≤ VL ≤ 5.5V
0.05 • VL
V
IIN
Input Current
l
0
±5
µA
VO
Output Voltage
SCL2, ILOAD = 2mA, 3V ≤ VL ≤ 5.5V
l
0.4
VL – 0.4
V
VOL
Output Low Voltage
SDA, ILOAD = 3mA
SDA2 = No Load, SDA = 0V, 4.5V ≤ VL < 5.5V
SDA2 = No Load, SDA = 0V, 3V ≤ VL < 4.5V
l
l
l
0.3
0.4
0.45
0.55
V
V
V
SDA, SDA2 Slew Rate
l
1
V/µs
ISC
Short-Circuit Current
SDA2 = 0, SDA = VL
0V ≤ SCL2 ≤ VL
SDA = 0, SDA2 = VL
SDA = VL, SDA2 = 0
l
±30
6
–1.8
100
mA
mA
mA
mA
ESD (HBM) (Note 2)
Isolation Boundary
(VIN, VL2, GND2) to (PVCC, VCC, VL, GND) in Any
Combination
±25
kV
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Driver – ST1, ST2
Drive Frequency
2
MHz
Duty Cycle
49
50
51
%
Power Supply Generator
VL2 Supply Start-Up Time
VIN to VL2 > 4.75V
50
ms
Logic Timing
Maximum Data Rate
Input
Output, CL = 15pF (Note 3)
Bidirectional SPI Communication
Unidirectional SPI Communication
l
l
l
10
4
8
MHz
MHz
MHz
tPHL, tPLH Propagation Delay
Input
Output, CL = 15pF (Figure 1)
l
30
45
100
ns
tPZH, tPZL DO1, O1 Enable Time (Figure 2)
xO1E =
to xO1 High, RPD = 1kΩ, xI1 = High
l
50
ns
ONx Enable Time (Figure 4)
ONx =
to xOx High, RPD = 1kΩ, xIx = High
l
60
μs
tPHZ, tPLZ DO1, O1 Disable Time (Figure 2)
xO1E =
to xO1 Low, RPD = 1kΩ, xI1 = High
l
50
ns
ONx Disable Time (Figure 4)
ONx =
to xOx Low, RPD = 1kΩ, xIx = High
l
100
ns
I2C Timing
Maximum Data Rate
(Note 3)
l
400
kHz
tPHL, tPLH Propagation Delay (Figure 3)
SCL
SCL2
SDA
SDA2
SDA2
SDA, RPU = 1kΩ
l
l
l
150
150
300
250
300
500
ns
ns
ns
tR
Rise Time (30% to 70%) (Figure 3)
SDA2, CL = 200pF
SDA, RPU = 1kΩ, CL = 200pF
SCL2, CL = 200pF
l
l
l
40
40
350
350
250
ns
ns
ns
tF
Fall Time (70% to 30%) (Figure 3)
SDA2, CL = 200pF
SDA, RPU = 1kΩ, CL = 200pF
SCL2, CL = 200pF
l
l
l
40
40
250
250
250
ns
ns
ns
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. PVCC = VCC = 5V, VL = VL2 = 3.3V, VIN = GND = GND2 = 0V, ON = VL, and
ON2 = VL2 unless otherwise noted. Specifications apply to all options unless otherwise noted.
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. PVCC = VCC = 5V, VL = VL2 = 3.3V, VIN = GND = GND2 = 0V, ON = VL, and
ON2 = VL2 unless otherwise noted. Specifications apply to all options unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com