Electronic Components Datasheet Search
  English  ▼

X  

LTM2882 Datasheet(PDF) 3 Page - Analog Devices

Part # LTM2882
Description  7.5kVRMS SPI/Digital or I2C 關Module Isolator with Transformer Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2882 Datasheet(HTML) 3 Page - Analog Devices

  LTM2882 Datasheet HTML 1Page - Analog Devices LTM2882 Datasheet HTML 2Page - Analog Devices LTM2882 Datasheet HTML 3Page - Analog Devices LTM2882 Datasheet HTML 4Page - Analog Devices LTM2882 Datasheet HTML 5Page - Analog Devices LTM2882 Datasheet HTML 6Page - Analog Devices LTM2882 Datasheet HTML 7Page - Analog Devices LTM2882 Datasheet HTML 8Page - Analog Devices LTM2882 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
LTM2810
3
Rev. A
For more information www.analog.com
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Supplies
Operating Voltage Range
VCC, PVCC, VL (LTM2810-I), VL2
VL (LTM2810-S)
VIN
l
l
l
3.0
1.62
3.6
5.5
5.5
38
V
V
V
VL2
Output Variation (Note 7)
VL2 + 1V ≤ VIN ≤ 38V, ILOAD = 0 to 100mA
l
–0.2
0.2
V
AVL2
Adjust Pin Voltage (Note 7)
VL2 + 1V ≤ VIN ≤ 38V, ILOAD = 0 to 100mA
l
580
600
620
mV
Supply Current
ICC, PICC, IL, ON = ON2 = 0V
IVIN, VIN = 6V, ON2 = 0V
ICC, PICC
IVIN, VIN = 5V, VL2 Adjusted to 3V
IL (LTM2810-S)
IL (LTM2810-I)
l
l
l
l
l
0
40
3.2
3.6
10
80
5
6
10
150
µA
µA
mA
mA
µA
µA
VL2 Current Limit
VIN = 7V, VL2 = 0V
VIN = VL2(NOMINAL) + 1V, ∆VL2 = –5%
l
110
200
mA
mA
ST1, ST2 Output Current
(Note 2)
400
mA
Logic – DI1, DI2, DI3, DO1, DO1E, DO2N, DO2P, DO3, I1, I2, I3, O1, O1E, O2N, O2P, O3, ON, ON2 (VL = VL or VL2)
VITH
Input Threshold Voltage
1.62V ≤ VL < 2.35
l
0.25 • VL
0.75 • VL
V
2.35V ≤ VL
l
0.33 • VL
0.67 • VL
V
IIN
Input Current
l
0
±5
µA
VO
Output Voltage
ILOAD = 1mA, 1.62V ≤ VL < 3V
ILOAD = 4mA, 3V ≤ VL
DO1 (LTM2810-I), ILOAD = 2mA, 3V ≤ VL
DO2N, ILOAD = 1mA, 1.62V ≤ VL < 3V
DO2N, O2N, ILOAD = 4mA, 3V ≤ VL
DO2P, ILOAD = 1mA, 1.62V ≤ VL < 3V
DO2P, O2P, ILOAD = 4mA, 3V ≤ VL
l
l
l
l
l
l
l
0.4
0.4
0.4
0.4
0.4
VL – 0.4
VL – 0.4
VL – 0.4
VL – 0.4
VL – 0.4
V
V
V
V
V
V
V
Output High Resistance
(Note 3)
40
Ω
Output Low Resistance
(Note 3)
40
Ω
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. PVCC = VCC = 5V, VL = VL2 = 3.3V, VIN = GND = GND2 = 0V, ON = VL, and
ON2 = VL2 unless otherwise noted. Specifications apply to all options unless otherwise noted.
LEAD FREE FINISH
TRAY
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTM2810CY-I#PBF
LTM2810CY-I#PBF
LTM2810Y-I
36-Lead (22mm × 6.25mm × 2.06mm) BGA
0°C to 70°C
LTM2810IY-I#PBF
LTM2810IY-I#PBF
LTM2810Y-I
36-Lead (22mm × 6.25mm × 2.06mm) BGA
–40°C to 85°C
LTM2810HY-I#PBF
LTM2810HY-I#PBF
LTM2810Y-I
36-Lead (22mm × 6.25mm × 2.06mm) BGA
–40°C to 125°C
LTM2810CY-S#PBF
LTM2810CY-S#PBF
LTM2810Y-S
36-Lead (22mm × 6.25mm × 2.06mm) BGA
0°C to 70°C
LTM2810IY-S#PBF
LTM2810IY-S#PBF
LTM2810Y-S
36-Lead (22mm × 6.25mm × 2.06mm) BGA
–40°C to 85°C
LTM2810HY-S#PBF
LTM2810HY-S#PBF
LTM2810Y-S
36-Lead (22mm × 6.25mm × 2.06mm) BGA
–40°C to 125°C
• Device temperature grade is indicated by a label on the shipping container.
• Pad or ball finish code is per IPC/JEDEC J-STD-609.
• BGA Package and Tray Drawings
• This product is not recommended for second side reflow.
This product is moisture sensitive. For more information, go to
Recommended BGA PCB Assembly and Manufacturing Procedures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com