Electronic Components Datasheet Search
  English  ▼

X  

LTM2882 Datasheet(PDF) 11 Page - Analog Devices

Part # LTM2882
Description  7.5kVRMS SPI/Digital or I2C 關Module Isolator with Transformer Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2882 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTM2882 Datasheet HTML 7Page - Analog Devices LTM2882 Datasheet HTML 8Page - Analog Devices LTM2882 Datasheet HTML 9Page - Analog Devices LTM2882 Datasheet HTML 10Page - Analog Devices LTM2882 Datasheet HTML 11Page - Analog Devices LTM2882 Datasheet HTML 12Page - Analog Devices LTM2882 Datasheet HTML 13Page - Analog Devices LTM2882 Datasheet HTML 14Page - Analog Devices LTM2882 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
LTM2810
11
Rev. A
For more information www.analog.com
BLOCK DIAGRAM
LTM2810-S
GND2
10nF
VIN
ST1
ST2
AVL2
VL2
3.3VOUT
REG
ISOLATED
COMMUNICATIONS
INTERFACE
6.6µF
PVCC
ON
VL
GND
VCC
PVCC
DI1
DI2
DI3
DO1E
DO1
DO2P
D02N
D03
0.1µF
2.2µF
O1E
ON2
VL
VCC
O1
O3
O2N
O2P
I1
I2
I3
2810 BD-S
ISOLATED
COMMUNICATIONS
INTERFACE
BRIDGE
DRIVER
2.2µF
1µF
1µF
R1
13K
R2
56.2K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com