Electronic Components Datasheet Search
  English  ▼

X  

ALD1102 Datasheet(PDF) 3 Page - ADL Embedded Solutions

Part # ALD1102
Description  DUAL P-CHANNEL MATCHED MOSFET PAIR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ALD1102 Datasheet(HTML) 3 Page - ADL Embedded Solutions

  ALD1102 Datasheet HTML 1Page - ADL Embedded Solutions ALD1102 Datasheet HTML 2Page - ADL Embedded Solutions ALD1102 Datasheet HTML 3Page - ADL Embedded Solutions ALD1102 Datasheet HTML 4Page - ADL Embedded Solutions ALD1102 Datasheet HTML 5Page - ADL Embedded Solutions ALD1102 Datasheet HTML 6Page - ADL Embedded Solutions ALD1102 Datasheet HTML 7Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ALD1102A/ALD1102B/ALD1102
Advanced Linear Devices
3 of 7
TYPICAL PERFORMANCE CHARACTERISTICS
OUTPUT CHARACTERISTICS
DRAIN SOURCE ON VOLTAGE - VDS(ON) (V)
0
-2
-6
-8
-10
-4
-60
0
-20
-80
-40
VBS = 0V
TA = +25°C
-8V
-6V
-4V
-2V
VGS = -10V
FORWARD TRANSCONDUCTANCE vs.
DRAIN-SOURCE VOLTAGE
DRAIN SOURCE ON VOLTAGE - VDS(ON) (V)
0
-2
-4
-6
-10
-8
10000
5000
2000
1000
500
200
100
VBS = 0V
f = 1KHz
TA = +125°C
TA = +25°C
IDS = -5mA
IDS = -1mA
DRAIN SOURCE ON RESISTANCE vs.
GATE-SOURCE VOLTAGE
GATE SOURCE ON VOLTAGE - VGS(ON) (V)
0
-2
-4
-6
-10
-8
10000
1000
100
10
VDS = 0.4V
VBS = 0V
TA = +125°C
TA = +25°C
DRAIN SOURCE OFF CURRENT vs.
AMBIENT TEMPERATURE
10x10-6
10x10-9
10x10-12
-50
-25
0
+25
+50
+125
+100
+75
AMBIENT TEMPERATURE - TA (°C)
VDS = -10V
VGS = VBS = 0V
TRANSFER CHARACTERISTIC
WITH SUBSTRATE BIAS
GATE SOURCE ON VOLTAGE - VGS(ON) (V)
0
-0.8
-2.4
-3.2
-4.0
-1.6
-15
0
-5
-20
-10
VGS = VDS
TA = +25°C
4V
6V
8V
10V
2V
VBS = 0V
LOW VOLTAGE OUTPUT
CHARACTERISTICS
4
0
DRAIN SOURCE ON VOLTAGE - VDS(ON) (mV)
-320
-160
0
+320
+160
-2
-4
2
VBS = 0V
TA = 25°C
VGS = -10V
-4V
-2V
-8V
-6V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com