Electronic Components Datasheet Search
  English  ▼

X  

ALD1102 Datasheet(PDF) 6 Page - ADL Embedded Solutions

Part # ALD1102
Description  DUAL P-CHANNEL MATCHED MOSFET PAIR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ALD1102 Datasheet(HTML) 6 Page - ADL Embedded Solutions

  ALD1102 Datasheet HTML 1Page - ADL Embedded Solutions ALD1102 Datasheet HTML 2Page - ADL Embedded Solutions ALD1102 Datasheet HTML 3Page - ADL Embedded Solutions ALD1102 Datasheet HTML 4Page - ADL Embedded Solutions ALD1102 Datasheet HTML 5Page - ADL Embedded Solutions ALD1102 Datasheet HTML 6Page - ADL Embedded Solutions ALD1102 Datasheet HTML 7Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ALD1102A/ALD1102B/ALD1102
Advanced Linear Devices
6 of 7
8 Pin Plastic SOIC Package
SOIC-8 PACKAGE DRAWING
Millimeters
Inches
Min
Max
Min
Max
Dim
A
A1
b
C
D-8
E
e
H
L
S
1.75
0.25
0.45
0.25
5.00
4.05
6.30
0.937
8°
0.50
0.053
0.004
0.014
0.007
0.185
0.140
0.224
0.024
0°
0.010
0.069
0.010
0.018
0.010
0.196
0.160
0.248
0.037
8°
0.020
1.27 BSC
0.050 BSC
1.35
0.10
0.35
0.18
4.69
3.50
5.70
0.60
0°
0.25
ø
L
C
H
S (45°)
ø
e
A
A1
b
D
S (45°)
E



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com