Electronic Components Datasheet Search
  English  ▼

X  

ALD1102 Datasheet(PDF) 7 Page - ADL Embedded Solutions

Part # ALD1102
Description  DUAL P-CHANNEL MATCHED MOSFET PAIR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ALD1102 Datasheet(HTML) 7 Page - ADL Embedded Solutions

  ALD1102 Datasheet HTML 1Page - ADL Embedded Solutions ALD1102 Datasheet HTML 2Page - ADL Embedded Solutions ALD1102 Datasheet HTML 3Page - ADL Embedded Solutions ALD1102 Datasheet HTML 4Page - ADL Embedded Solutions ALD1102 Datasheet HTML 5Page - ADL Embedded Solutions ALD1102 Datasheet HTML 6Page - ADL Embedded Solutions ALD1102 Datasheet HTML 7Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
ALD1102A/ALD1102B/ALD1102
Advanced Linear Devices
7 of 7
8 Pin Plastic DIP Package
PDIP-8 PACKAGE DRAWING
b1
S
b
E
E1
D
e
A2
A1
A
L
c
e1
ø
Millimeters
Inches
Min
Max
Min
Max
Dim
A
A1
A2
b
b1
c
D-8
E
E1
e
e1
L
S-8
ø
3.81
0.38
1.27
0.89
0.38
0.20
9.40
5.59
7.62
2.29
7.37
2.79
1.02
0°
5.08
1.27
2.03
1.65
0.51
0.30
11.68
7.11
8.26
2.79
7.87
3.81
2.03
15°
0.105
0.015
0.050
0.035
0.015
0.008
0.370
0.220
0.300
0.090
0.290
0.110
0.040
0°
0.200
0.050
0.080
0.065
0.020
0.012
0.460
0.280
0.325
0.110
0.310
0.150
0.080
15°



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com