Electronic Components Datasheet Search
  English  ▼

X  

HV461FG Datasheet(PDF) 14 Page - Supertex, Inc

Part # HV461FG
Description  HV461FG Ring Generator Controller IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV461FG Datasheet(HTML) 14 Page - Supertex, Inc

Back Button HV461FG Datasheet HTML 6Page - Supertex, Inc HV461FG Datasheet HTML 7Page - Supertex, Inc HV461FG Datasheet HTML 8Page - Supertex, Inc HV461FG Datasheet HTML 9Page - Supertex, Inc HV461FG Datasheet HTML 10Page - Supertex, Inc HV461FG Datasheet HTML 11Page - Supertex, Inc HV461FG Datasheet HTML 12Page - Supertex, Inc HV461FG Datasheet HTML 13Page - Supertex, Inc HV461FG Datasheet HTML 14Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
Package Outlines
1235 Bordeaux Drive, Sunnyvale, CA 94089
TEL: (408) 744-0100 • FAX: (408) 222-4895
www.supertex.com
03/18/02
©2002 Supertex Inc. All rights reserved. Unauthorized use or reproduction prohibited.
48-Lead TQFP Package (FG)
0
° - 7°
BSC
0.354
± 0.010
(8.992
± 0.254)
0.275
± 0.004
(6.985
± 0.102)
0.354
± 0.010
(8.992
± 0.254)
D1, E1
D, E
0.275
± 0.004
(6.985
± 0.1016)
A2
0.055
± 0.004
(1.397
± 0.102)
0.020
(0.508)
TYP.
0.039
(0.991)
A
0.059
± 0.004
(1.4986
± 0.102)
0.024
± 0.008
(0.610
± 0.2032)
L
B
0.008
± 0.003
(0.2032
± 0.0762)
Note: Circle (e.g. B ) indicates JEDEC Reference.
Dimensions in Inches
(Dimensions in Millimeters)
Measurement Legend =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com