Electronic Components Datasheet Search
  English  ▼

X  

HV461FG Datasheet(PDF) 4 Page - Supertex, Inc

Part # HV461FG
Description  HV461FG Ring Generator Controller IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV461FG Datasheet(HTML) 4 Page - Supertex, Inc

  HV461FG Datasheet HTML 1Page - Supertex, Inc HV461FG Datasheet HTML 2Page - Supertex, Inc HV461FG Datasheet HTML 3Page - Supertex, Inc HV461FG Datasheet HTML 4Page - Supertex, Inc HV461FG Datasheet HTML 5Page - Supertex, Inc HV461FG Datasheet HTML 6Page - Supertex, Inc HV461FG Datasheet HTML 7Page - Supertex, Inc HV461FG Datasheet HTML 8Page - Supertex, Inc HV461FG Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
HV461
4
GBW
Gain-Bandwidth Product
1
MHz
SL
Slew Rate
0.1
V/
µs
PSRR
Power supply rejection ratio
-30
dB
f<10kHz
Sinewave Synthesizer
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
VDC
DC level
1.237
1.250
1.263
V
A
Amplitude
1.940
2.000
2.060
0
VP-P
VP-P
AMP
≠00
AMP=00
f0
Frequency
16
2/3
Hz
FREQ=000, fOSC=19.6608MHz
f1
Frequency
20
Hz
FREQ=001, fOSC=19.6608MHz
f2
Frequency
25
Hz
FREQ=010, fOSC=19.6608MHz
f3
Frequency
30
Hz
FREQ=011, fOSC=19.6608MHz
f4
Frequency
33
1/3
Hz
FREQ=100, fOSC=19.6608MHz
f5
Frequency
40
Hz
FREQ=101, fOSC=19.6608MHz
f6
Frequency
50
Hz
FREQ=110, fOSC=19.6608MHz
f7
Frequency
60
Hz
FREQ=111, fOSC=19.6608MHz
∆f
Frequency accuracy
0.1
%
fosc=19.6608MHz
THD
Harmonic distortion
3
%
CSINE=33nF
fring=16 2/3 to 60Hz
ROUT
Output resistance
14.4
72.0
16.0
80.0
17.6
88.0
k
Ω
k
Ω
AMP
≠00
AMP=00
External Ring Frequency
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
fCAP(lo)
Capture frequency low*
12
Hz
loop filter=(33
µF+10kΩ)||4.7µF
fCAP(hi)
Capture frequency high*
63
Hz
loop filter=(33
µF+10kΩ)||4.7µF
VIN(lo)
Input low
0.3·VDD
V
VIN(hi)
Input high
0.7·VDD
V
∆θRING
Phase jitter, sine ref out
-5
+5
deg
loop filter=(33
µF+10kΩ)||4.7µF
* Lock range is the same as capture range
Sine Reference Attenuator
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
VDC
DC level
1.237
1.250
1.263
V
VIN(DC)=1.250V
AOFF
Attenuation
0.010
V/V
AMP=00
ALO
Attenuation
0.495
0.500
0.505
V/V
AMP=01
AMED
Attenuation
0.742
0.750
0.758
V/V
AMP=10
AHI
Attenuation
0.990
1.000
1.010
V/V
AMP=11
VIN
Input range
0.2
VDD-0.2V
V
DC REF Multiplexer
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
VIN
Input range
0.0
VDD
V
IIN
Input bias current
-500
+500
nA
IOFF
Off leakage current
1.0
µA
VIN = 0.5 to VDD-0.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com