Electronic Components Datasheet Search
  English  ▼

X  

HV461FG Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV461FG
Description  HV461FG Ring Generator Controller IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV461FG Datasheet(HTML) 2 Page - Supertex, Inc

  HV461FG Datasheet HTML 1Page - Supertex, Inc HV461FG Datasheet HTML 2Page - Supertex, Inc HV461FG Datasheet HTML 3Page - Supertex, Inc HV461FG Datasheet HTML 4Page - Supertex, Inc HV461FG Datasheet HTML 5Page - Supertex, Inc HV461FG Datasheet HTML 6Page - Supertex, Inc HV461FG Datasheet HTML 7Page - Supertex, Inc HV461FG Datasheet HTML 8Page - Supertex, Inc HV461FG Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
HV461
2
Specifications (unless otherwise specified: V
DD = +3.3V, TA = -40ºC to +85ºC)
External Supply
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
VDD
Supply Voltage
3.0
3.3
3.6
V
IDD
Supply Current
(AVDD + DVDD)
7
30
mA
fPWM=100kHz
fosc=19.6608MHz SW
outputs NC
Open loop config
External VGD
Gate Drive Supply
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
VGD
Boost circuit voltage
9.0
9.6
10.2
V
IGD
Gate drive supply
current
5
10
mA
mA
VDD=2.97-3.63V, SW outputs unloaded
VDD=2.50-2.93V, SW outputs unloaded
VDR(lo)
Drive voltage, low
0.2
V
IOUT=-10
µA
VDR(hi)
Drive voltage, hi
VDD-0.4
V
IOUT=10
µA
tRISE
Rise time
100
ns
CL=200pF
tFALL
Fall time
100
ns
CL=200pF
fGD
Converter frequency
same as PWM
DGD
Duty cycle
45
50
55
%
Voltage Reference
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
VREF1
Reference voltage 1
1.237
1.250
1.263
V
Ta=25ºC
TCREF1
Temperature coefficient
200
µV/ºC
∆Vref1
Output regulation
-6.25
+6.25
mV
Iout=±100
µA
VREF2
Reference voltage 2
2.475
2.500
2.525
V
Ta=25ºC
TCREF2
Temperature coefficient
500
µV/ºC
∆Vref2
Output regulation
-12.5
0
mV
Iout=0–100
µA source
Absolute Maximum Ratings
VDD
+4.0V
Digital Inputs
-0.5V to +7.0V
Analog Inputs
-0.5V to +7.0V
Storage Temperature
-65°C to +150°C
Operating Temperature
-40°C to +85°C
Ordering Information
Package Option
Order Number
48 lead TQFP
HV461FG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com