Electronic Components Datasheet Search
  English  ▼

X  

PCF2113DU Datasheet(PDF) 45 Page - NXP Semiconductors

Part # PCF2113DU
Description  Automotive LCD driver for character displays
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2113DU Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button PCF2113DU Datasheet HTML 41Page - NXP Semiconductors PCF2113DU Datasheet HTML 42Page - NXP Semiconductors PCF2113DU Datasheet HTML 43Page - NXP Semiconductors PCF2113DU Datasheet HTML 44Page - NXP Semiconductors PCF2113DU Datasheet HTML 45Page - NXP Semiconductors PCF2113DU Datasheet HTML 46Page - NXP Semiconductors PCF2113DU Datasheet HTML 47Page - NXP Semiconductors PCF2113DU Datasheet HTML 48Page - NXP Semiconductors PCF2113DU Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 107 page
background image
PCA2117
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 8 April 2015
45 of 107
NXP Semiconductors
PCA2117
Automotive LCD driver for character displays
The RMS on-state voltage (Von(RMS)) for the LCD is calculated with Equation 6 and the
RMS off-state voltage (Voff(RMS)) with Equation 7:
(6)
(7)
where the values of a are
a=2 for 1⁄3 bias
a=3 for 1⁄4 bias
and the values for n are
n = 2 for 1:2 multiplex rate
n = 9 for 1:9 multiplex rate
n = 18 for 1:18 multiplex rate.
Discrimination (D) is the ratio of Von(RMS) to Voff(RMS) and is determined from Equation 8.
Discrimination is a term which is defined as the ratio of the on and off RMS voltage across
a segment. It can be thought of as a measurement of contrast.
(8)
Remark:
• Row and column outputs comprise a series resistance RO (see Table 50).
• VLCD is sometimes referred as the LCD operating voltage.
8.4.6.1
Electro-optical performance
Suitable values for Von(RMS) and Voff(RMS) are dependent on the LCD liquid used. The
RMS voltage, at which a pixel is switched on or off, determines the transmissibility of the
pixel.
For any given liquid, there are two threshold values defined. One point is at 10 % relative
transmission (at Vth(off)) and the other at 90 % relative transmission (at Vth(on)), see
Figure 26. For a good contrast performance, the following rules should be followed:
(9)
(10)
Von(RMS) and Voff(RMS) are properties of the display driver and are affected by the selection
of a (see Equation 6), n (see Equation 8), and the VLCD voltage.
Vth(off) and Vth(on) are properties of the LCD liquid and can be provided by the module
manufacturer. Vth(off) is sometimes named Vth. Vth(on) is sometimes named saturation
voltage Vsat.
V
on RMS

a2
2a
n
++
n
1a
+

2
------------------------------
V
LCD
=
V
off RMS

a2
2a
–
n
+
n
1a
+

2
------------------------------
V
LCD
=
D
V
on RMS

V
off RMS

-----------------------
a1
+

2
n
1
–

+
a1
–

2
n
1
–

+
--------------------------------------------
==
V
on RMS

V
th on

V
off RMS

V
th off




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com